Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

748-982-76-50 Fiches technique(PDF) 1 Page - Marl International Limited

No de pièce 748-982-76-50
Description  High Efficiency Components Used For Maximum Energy Saving
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MARL [Marl International Limited]
Site Internet  http://www.leds.co.uk
Logo MARL - Marl International Limited

748-982-76-50 Fiches technique(HTML) 1 Page - Marl International Limited

  748-982-76-50 Datasheet HTML 1Page - Marl International Limited 748-982-76-50 Datasheet HTML 2Page - Marl International Limited 748-982-76-50 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ELECTRICAL
INPUT POWER: 60W
INPUT VOLTAGE: 90-305VAC
FREQUENCY: 47-63Hz
POWER FACTOR: >0.95/230VAC
INRUSH CURRENT: COLD START 75A/230VAC
AC CURRENT: (0.8A/115VAC 0.4/230VAC)
PROTECTION: OVER VOLTAGE / CURRENT / TEMPERATURE & S/C
AMBIENT OPERATING TEMPERATURE: -30ºC TO +45ºC
STORAGE TEMPERATURE: -40ºC TO +80ºC
COMPLIANCE TO WORLDWIDE SAFETY REGULATIONS FOR LIGHTING
80.8Lm/W TOTAL SYSTEM EFFICIENCY - INDEPENDENLT TESTED (SEE PAGE 3)
OPTICAL
VIEWING ANGLE: 100
COLOUR TEMP: >5000K
CRI (TYP): 85.7
MECHANICAL
IP RATING: IP66
GLASS: TEMPERED
HOUSING: DIE-CAST ALUMINIUM POWDER COATED
WEIGHT: 8.1 KG
CABLE SPEC: PVC INSULATED PUR SHEATHED
3-CORE 16/0.2MM, 7.1MM OD
CABLE LENGTH: 2M
OVERVIEW
THE MARL LOW PROFILE FLOOD LIGHT COMBINES THE LATEST 130Lm/W
LEDS WITH HIGH-EFFICIENCY OPTICS, PSU AND OPTIMISED THERMAL DESIGN
TO ACHIEVE A TOTAL LUMEN OUTPUT OF UP TO 5000 LUMENS MAKING IT THE
IDEAL ANSWER TO LOW ENERGY FLOOD LIGHTING SOLUTIONS. THE ROBUST
HOUSING IS POWDER COATED TO PROVIDE LONG TERM ENVIRONMENTAL
PROTECTION AND IS IP SEALED TO IP66. THE FLOODLIGHT HAS BEEN
DESIGNED FOR SIMPLE INSTALLATION WITH ADJUSTABLE MOUNTING
BRACKET AND PRE-TERMINATED WITH UV STABILISED POWER CABLE.
EFFICIENCY OF >80Lm/W MEANS THIS PRODUCT QUALIFIES FOR ENHANCED
CAPITAL ALLOWANCE (ECA) CLAIM. CONTACT SALES FOR DETAILS.
HIGH EFFICIENCY
COMPONENTS USED
FOR MAXIMUM ENERGY
SAVING.
LONG LIFE AND
RELIABILITY ELIMINATE
MAINTENANCE PERIOD
FOR 60,000HRS (13 YRS
@12 HRS PER DAY).
DURABLE POWDER
COATED IP66 HOUSING
WITH TEMPERED GLASS.
CAN REPLACE 500W
LINEAR HALOGEN OR
100W METAL HALIDE
21/03/12
RW
NJO
MODEL NAME
SHEET
DRAWING NO
ISSUE
SPL9066
1
ASS8800
1
ISSUE
MODIFICATION
DRN
DATE
1
ORIGINAL ISSUE
RE
14.03.12
THIS DRAWING AND ANY COPYRIGHT THEREIN BELONGS TO MARL INTERNATIONAL LIMITED AND MUST NOT BE COPIED OR DISCLOSED TO A THIRD PARTY WITHOUT PRIOR WRITTEN CONSENT OF MARL INTERNATIONAL LIMITED
TOLERANCE/ SCALE UOS
LINEAR
ANGULAR
ORIGINAL SCALE
ALL DIMENSIONS
IN MM
DRN:
DATE:
CHK1:
CHK2:
748-982-76-50
OF 3
± 0.5
N/A
1:5
14.03.12
RE


Numéro de pièce similaire - 748-982-76-50

FabricantNo de pièceFiches techniqueDescription
logo
Marl International Limi...
748-980-76-50 MARL-748-980-76-50 Datasheet
704Kb / 6P
   High Efficiency Components Used For Maximum Energy Saving
748-980-76-51 MARL-748-980-76-51 Datasheet
704Kb / 6P
   High Efficiency Components Used For Maximum Energy Saving
748-980-76-52 MARL-748-980-76-52 Datasheet
704Kb / 6P
   High Efficiency Components Used For Maximum Energy Saving
748-980-76-53 MARL-748-980-76-53 Datasheet
704Kb / 6P
   High Efficiency Components Used For Maximum Energy Saving
748-980-76-54** MARL-748-980-76-54* Datasheet
704Kb / 6P
   High Efficiency Components Used For Maximum Energy Saving
More results

Description similaire - 748-982-76-50

FabricantNo de pièceFiches techniqueDescription
logo
Marl International Limi...
SPL8801 MARL-SPL8801 Datasheet
704Kb / 6P
   High Efficiency Components Used For Maximum Energy Saving
logo
JILIN SINO-MICROELECTRO...
3DD4163D JSMC-3DD4163D Datasheet
230Kb / 5P
   Energy-saving light
logo
STMicroelectronics
VIPER31 STMICROELECTRONICS-VIPER31 Datasheet
1Mb / 40P
   Energy saving offline high voltage converter
Rev 3 - November 2020
VIPER11 STMICROELECTRONICS-VIPER11 Datasheet
1Mb / 37P
   Energy saving offline high voltage converter
Rev 5 April 2020
logo
ebm-papst
W1G200-EC87-20 EBMPAPST-W1G200-EC87-20 Datasheet
389Kb / 2P
   Energy-saving axial fan
W1G130-AA49-01 EBMPAPST-W1G130-AA49-01 Datasheet
326Kb / 2P
   Energy-saving axial fans
W1G130-AA49-01 EBMPAPST-W1G130-AA49-01_16 Datasheet
415Kb / 2P
   Energy-saving axial fans
logo
STMicroelectronics
VIPER01 STMICROELECTRONICS-VIPER01 Datasheet
1Mb / 36P
   Energy saving off-line high voltage converter
March 2016 Rev 1
logo
Recom International Pow...
REDIM RECOM-REDIM Datasheet
418Kb / 3P
   suitable for energy-saving lamps, dimmable LED lamps
logo
Sharp Corporation
GP1UD287YK SHARP-GP1UD287YK Datasheet
109Kb / 7P
   Energy Saving Type Low Dissipation
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com