Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APT10M25BVFR Fiches technique(PDF) 3 Page - Advanced Power Technology

No de pièce APT10M25BVFR
Description  Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADPOW [Advanced Power Technology]
Site Internet  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT10M25BVFR Fiches technique(HTML) 3 Page - Advanced Power Technology

  APT10M25BVFR Datasheet HTML 1Page - Advanced Power Technology APT10M25BVFR Datasheet HTML 2Page - Advanced Power Technology APT10M25BVFR Datasheet HTML 3Page - Advanced Power Technology APT10M25BVFR Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
V
DS
, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
V
DS
, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE 2, TYPICAL OUTPUT CHARACTERISTICS
FIGURE 3, TYPICAL OUTPUT CHARACTERISTICS
V
GS
, GATE-TO-SOURCE VOLTAGE (VOLTS)
I
D
, DRAIN CURRENT (AMPERES)
FIGURE 4, TYPICAL TRANSFER CHARACTERISTICS
FIGURE 5, R
DS
(ON) vs DRAIN CURRENT
T
C
, CASE TEMPERATURE (
°C)
T
J
, JUNCTION TEMPERATURE (
°C)
FIGURE 6, MAXIMUM DRAIN CURRENT vs CASE TEMPERATURE
FIGURE 7, BREAKDOWN VOLTAGE vs TEMPERATURE
T
J
, JUNCTION TEMPERATURE (
°C)
T
C
, CASE TEMPERATURE (
°C)
FIGURE 8, ON-RESISTANCE vs. TEMPERATURE
FIGURE 9, THRESHOLD VOLTAGE vs TEMPERATURE
APT10M25BVFR
0
10
20
30
40
50
0
123
45
0
2
4
6
8
10
0
25
50
75
100
125
150
25
50
75
100
125
150
-50
-25
0
25
50
75
100 125 150
-50
-25
0
25
50
75
100 125 150
-50
-25
0
25
50
75
100 125 150
I
D
= 0.5 I
D
[Cont.]
V
GS
= 10V
150
125
100
75
50
25
0
1.2
1.1
1.0
0.9
0.8
1.15
1.10
1.05
1.00
0.95
0.90
1.2
1.1
1.0
0.9
0.8
0.7
0.6
150
125
100
75
50
25
0
150
125
100
75
50
25
0
80
60
40
20
0
2.00
1.75
1.50
1.25
1.00
0.75
0.50
VDS> ID (ON) x RDS (ON)MAX.
250
µSEC. PULSE TEST
@ <0.5 % DUTY CYCLE
VGS=10V & 15V
6V
TJ = +25°C
TJ = -55°C
TJ = +125°C
TJ = +125°C
TJ = +25°C
TJ = -55°C
7V
5.5V
4.5V
5V
VGS=20V
VGS=10V
VGS=15V
10V
6.5V
NORMALIZED TO
V
GS
= 10V @ 0.5 I
D
[Cont.]
4V
6V
7V
5.5V
4.5V
5V
6.5V
4V


Numéro de pièce similaire - APT10M25BVFR

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Power Technolo...
APT10M25BVR ADPOW-APT10M25BVR Datasheet
65Kb / 4P
   Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
logo
Inchange Semiconductor ...
APT10M25BVR ISC-APT10M25BVR Datasheet
419Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - APT10M25BVFR

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Power Technolo...
APT10040B2VFR ADPOW-APT10040B2VFR Datasheet
40Kb / 2P
   Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
APT10043JVR ADPOW-APT10043JVR Datasheet
73Kb / 4P
   Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
APT10050B2VR ADPOW-APT10050B2VR Datasheet
59Kb / 4P
   Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
APT10050JVFR ADPOW-APT10050JVFR Datasheet
70Kb / 4P
   Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
APT10M09B2VFR ADPOW-APT10M09B2VFR Datasheet
41Kb / 2P
   Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
APT10M25SVR ADPOW-APT10M25SVR Datasheet
68Kb / 4P
   Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs
APT10M30AVR ADPOW-APT10M30AVR Datasheet
66Kb / 4P
   Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
APT20M11JVFR ADPOW-APT20M11JVFR Datasheet
74Kb / 4P
   Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
APT20M18B2VFR ADPOW-APT20M18B2VFR Datasheet
41Kb / 2P
   Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
APT20M18B2VR ADPOW-APT20M18B2VR Datasheet
39Kb / 2P
   Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com