Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD8C60SR Fiches technique(PDF) 2 Page - Apollo Electron Co., Ltd.

No de pièce CD8C60SR
Description  Sensitive Gate Silicon Controlled Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APOLLOELECTRON [Apollo Electron Co., Ltd.]
Site Internet  http://www.aelectron.com
Logo APOLLOELECTRON - Apollo Electron Co., Ltd.

CD8C60SR Fiches technique(HTML) 2 Page - Apollo Electron Co., Ltd.

  CD8C60SR Datasheet HTML 1Page - Apollo Electron Co., Ltd. CD8C60SR Datasheet HTML 2Page - Apollo Electron Co., Ltd. CD8C60SR Datasheet HTML 3Page - Apollo Electron Co., Ltd. CD8C60SR Datasheet HTML 4Page - Apollo Electron Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CD8C60SR
2/
4
ELECTRICAL CHARACTERISTICS (T j=25℃ unless otherwise specified)
Symbol
Unit
IGT
MAX
100
uA
VGT
MAX
0.8
V
VGD
VD=VDRM RL=3.3KΩ RGK=220Ω T j=125℃
MIN
0.1
V
IL
IG=1mA RGK=1KΩ
MAX
6
mA
IH
IT=50mA RGK=1KΩ
MAX
5
mA
VTM
IT=16A tp=380uS T j=25℃
MAX
1.6
V
dv/dt
VD=65% VDRM RGK=220Ω
MIN
5
V/μs
IDRM
VDRM=VRRM RGK=220Ω T J=25℃
5
uA
IRRM
VDRM=VRRM RGK=220Ω T J=125℃
1
mA
RGK
6~35
KΩ
THERMAL RESISTANCES
Symbol
Value
Unit
Rth(J-c)
20
℃/W
Parameter
Junction To Case(DC)
MAX
VD=6V RL=140Ω
Test Condition


Numéro de pièce similaire - CD8C60SR

FabricantNo de pièceFiches techniqueDescription
logo
Cooper Bussmann, Inc.
CD80 COOPER-CD80 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Jianghai Europe GmbH
CD801ZP JIANGHAI-CD801ZP Datasheet
643Kb / 8P
   10 000h at 85째C
CD804ZM JIANGHAI-CD804ZM Datasheet
644Kb / 8P
   4000h at 105째C
logo
Continental Device Indi...
CD8050B CDIL-CD8050B Datasheet
226Kb / 2P
   TO-92 Plastic Package Transistors (NPN)
CD8050C CDIL-CD8050C Datasheet
226Kb / 2P
   TO-92 Plastic Package Transistors (NPN)
More results

Description similaire - CD8C60SR

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
2N5061RLR ONSEMI-2N5061RLR Datasheet
70Kb / 8P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
C106 ONSEMI-C106 Datasheet
62Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
logo
SemiWell Semiconductor
MCK100-8 SEMIWELL-MCK100-8 Datasheet
568Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
MCR22-8 SEMIWELL-MCR22-8 Datasheet
569Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
SCN2C60 SEMIWELL-SCN2C60 Datasheet
623Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
YENYO TECHNOLOGY Co., L...
MCR100 YENYO-MCR100 Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
MCR100-8A YENYO-MCR100-8A Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSN-1G ONSEMI-MCR12DSN-1G Datasheet
126Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
logo
Shenzhen Winsemi Microe...
WCD6C60S WINSEMI-WCD6C60S Datasheet
408Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
Apollo Electron Co., Lt...
CD6C60S APOLLOELECTRON-CD6C60S Datasheet
594Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
NYC008-6JG-D ONSEMI-NYC008-6JG-D Datasheet
147Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com