Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

F-XM-W25 Fiches technique(PDF) 2 Page - Microdc power Technology Co., Ltd

No de pièce F-XM-W25
Description  0.25Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICRODC [Microdc power Technology Co., Ltd]
Site Internet  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

F-XM-W25 Fiches technique(HTML) 2 Page - Microdc power Technology Co., Ltd

  F-XM-W25 Datasheet HTML 1Page - Microdc power Technology Co., Ltd F-XM-W25 Datasheet HTML 2Page - Microdc power Technology Co., Ltd F-XM-W25 Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
F
F
F
F
F
F
F
F-X
-X
-X
-X
-X
-X
-X
-XM
M
M
M
M
M
M
M-W25
-W25
-W25
-W25
-W25
-W25
-W25
-W25 Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 3
Input
Input
Input
Input
Input
Input
Input
Input Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
4.5-5.5
VDC
12
10.8-13.2
15
13.5–16.5
24
21.6-26.4
Filter
Capacitor
Turn on transient process time
25
ms
Start up time
200
ms
Absolute maximum rating
5 Vin
7
VDC
12 Vin
15
15 Vin
17
24 Vin
28
Peak input voltage time
100
ms
Output
Output
Output
Output
Output
Output
Output
Output Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±3
%
Short circuit protection
Momentary (1sec)
Line voltage regulation
For 1% change of Vin
±1.2
% of Vin
Load voltage regulation
Load 20 – 100%
±10
%
Load voltage regulation 3.3V
output model
Load 20 – 100%
±20
%
Temperature coefficient
±0.02
%/ C
Ripple & noise
At 20MHz Bandwidth
100
mV p-p
Capacitive load
100
μF
Rising time
50
ms
General
General
General
General
General
General
General
General Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Parameters
Parameters
Conditions
Conditions
Typical
Typical
Maximum
Maximum
Units
Units
Switching frequency
100% load
80
KHz
Operating temperature
Without derating
-40 to +85
Storage temperature
-40 to +125
Maximum case temperature
100
Cooling
Free air convection
Humidity
95
%
Case material
Non-conductive black plastic
Weight
1.5
F
g
Dimensions (Lx W x H)
0.46 x 0.24 x 0.38
inches
11.68 x 6.00 x 9.65 mm
MTBF
>2 010 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25 ℃)
NOTE:
NOTE: All
All specifications
specifications in
in this
this data
data sheet
sheet are
are measured
measured at
at an
an ambient
ambient temperature
temperature of
of 25
25°°C,
C, humidity<75%,
humidity<75%, nominal
nominal input
input voltage
voltage and
and at
at
rated
rated output
output load
load unless
unless otherwise
otherwise specified
specified..


Numéro de pièce similaire - F-XM-W25

FabricantNo de pièceFiches techniqueDescription
logo
Microdc power Technolog...
F-XM MICRODC-F-XM Datasheet
452Kb / 2P
   1W, FIXED INPUT, ISOLATED&UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
F-XMD-1W MICRODC-F-XMD-1W Datasheet
1,020Kb / 2P
   3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8 DC/DC Converter
F-XMS MICRODC-F-XMS Datasheet
524Kb / 2P
   1W, FIXED INPUT, ISOLATED&UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
More results

Description similaire - F-XM-W25

FabricantNo de pièceFiches techniqueDescription
logo
Microdc power Technolog...
B-XS-W25 MICRODC-B-XS-W25 Datasheet
578Kb / 3P
   0.25Watt | DC-DC Converter
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com