Moteur de recherche de fiches techniques de composants électroniques |
|
OP282 Fiches technique(PDF) 6 Page - Analog Devices |
|
OP282 Fiches technique(HTML) 6 Page - Analog Devices |
6 / 12 page OP282/OP482 REV. B –6– OP282/OP482 SPICE MACRO MODEL Figure 4 shows the OP282 SPICE macro model. The model for the OP482 is similar to that of the OP282, but there are some minor changes in the circuit values. Contact ADI for a copy of the latest SPICE model diskette for both listings. IN- IN+ CIN R1 R2 IOS 3 J1 J2 56 C2 R3 R4 50 EOS I1 99 4 7 G1 9 V2 D1 R5 C3 98 EREF V3 D2 8 C4 11 E2 R6 R7 98 13 12 R8 G2 14 19 G3 G11 20 C5 C6 C13 R21 R9 R19 21 E13 C14 27 G17 D7 G18 28 D8 D3 25 26 D4 D5 D6 V4 V5 G19 G20 ISY R25 24 23 C15 R23 G15 98 R26 R27 29 R28 L5 30 VOUT 50 99 R22 2 1 10 Figure 4. |
Numéro de pièce similaire - OP282 |
|
Description similaire - OP282 |