Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS826745SIPR Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS826745SIPR
Description  600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS826745SIPR Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS826745SIPR Datasheet HTML 5Page - Texas Instruments TPS826745SIPR Datasheet HTML 6Page - Texas Instruments TPS826745SIPR Datasheet HTML 7Page - Texas Instruments TPS826745SIPR Datasheet HTML 8Page - Texas Instruments TPS826745SIPR Datasheet HTML 9Page - Texas Instruments TPS826745SIPR Datasheet HTML 10Page - Texas Instruments TPS826745SIPR Datasheet HTML 11Page - Texas Instruments TPS826745SIPR Datasheet HTML 12Page - Texas Instruments TPS826745SIPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
1.176
1.188
1.2
1.212
1.224
0.1
1
10
100
1000
I
- Load Current - mA
O
V
= 1.2 V (TPS82677)
PFM/PWM Operation
O
V = 4.5 V
I
V = 3.6 V
I
V = 2.7 V
I
3.3V to 3.9V Line Step
V
= 1.8 V (TPS82671)
O
MODE = Low
30 to 300 mA Load Step
1.764
0.1
I - Load Current - mA
O
V = 1.8 V (TPS82671)
PFM/PWM Operation
O
V = 2.7 V
I
V = 4.5 V
I
V = 3.6 V
I
1
10
100
1000
1.782
1.800
1.818
1.836
1.176
0.1
I - Load Current - mA
O
V = 1.2 V (TPS82675)
PFM/PWM Operation
O
V = 2.7 V
I
V = 4.5 V
I
V = 3.6 V
I
1
10
100
1000
1.188
1.2
1.212
1.224
TPS82670, TPS82671, TPS82672, TPS82673, TPS82674
TPS82675, TPS82676, TPS82677, TPS826711, TPS826745, TPS826765
www.ti.com
SLVSAI0F – OCTOBER 2010 – REVISED NOVEMBER 2012
TYPICAL CHARACTERISTICS (continued)
DC OUTPUT VOLTAGE
DC OUTPUT VOLTAGE
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 9.
Figure 10.
DC OUTPUT VOLTAGE
vs
LOAD CURRENT
COMBINED LINE/LOAD TRANSIENT RESPONSE
Figure 11.
Figure 12.
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS82670 TPS82671 TPS82672 TPS82673 TPS82674 TPS82675 TPS82676 TPS82677
TPS826711 TPS826745 TPS826765


Numéro de pièce similaire - TPS826745SIPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS826745SIPR TI1-TPS826745SIPR Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS826745SIPR TI1-TPS826745SIPR Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
More results

Description similaire - TPS826745SIPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670_17 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82690 TI1-TPS82690 Datasheet
886Kb / 23P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com