Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS826745SIPR Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS826745SIPR
Description  600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS826745SIPR Fiches technique(HTML) 5 Page - Texas Instruments

  TPS826745SIPR Datasheet HTML 1Page - Texas Instruments TPS826745SIPR Datasheet HTML 2Page - Texas Instruments TPS826745SIPR Datasheet HTML 3Page - Texas Instruments TPS826745SIPR Datasheet HTML 4Page - Texas Instruments TPS826745SIPR Datasheet HTML 5Page - Texas Instruments TPS826745SIPR Datasheet HTML 6Page - Texas Instruments TPS826745SIPR Datasheet HTML 7Page - Texas Instruments TPS826745SIPR Datasheet HTML 8Page - Texas Instruments TPS826745SIPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
SIP-8
(TOP VIEW)
SIP-8
(BOTTOMVIEW)
A1
B1
C1
A2
B2
C2
GND
MODE
VOUT
GND
A3
C3
VIN
EN
A3
C3
A2
B2
C2
GND
EN
VIN
GND
C1
VOUT
MODE
A1
B1
TPS82670, TPS82671, TPS82672, TPS82673, TPS82674
TPS82675, TPS82676, TPS82677, TPS826711, TPS826745, TPS826765
www.ti.com
SLVSAI0F – OCTOBER 2010 – REVISED NOVEMBER 2012
PIN ASSIGNMENTS
PIN DESCRIPTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
VOUT
A1
O
Power output pin. Apply output load between this pin and GND.
VIN
A2, A3
I
The VIN pins supply current to the TPS8267x internal regulator.
This is the enable pin of the device. Connect this pin to ground to force the converter into
EN
B2
I
shutdown mode. Pull this pin to VI to enable the device. This pin must not be left floating and
must be terminated.
This is the mode selection pin of the device. This pin must not be left floating and must be
terminated.
MODE = LOW: The device is operating in regulated frequency pulse width modulation mode
MODE
B1
I
(PWM) at high-load currents and in pulse frequency modulation mode (PFM) at light load
currents.
MODE = HIGH: Low-noise mode is enabled and regulated frequency PWM operation is forced.
GND
C1, C2, C3
Ground pin.
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS82670 TPS82671 TPS82672 TPS82673 TPS82674 TPS82675 TPS82676 TPS82677
TPS826711 TPS826745 TPS826765


Numéro de pièce similaire - TPS826745SIPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS826745SIPR TI1-TPS826745SIPR Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS826745SIPR TI1-TPS826745SIPR Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
More results

Description similaire - TPS826745SIPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670_17 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82690 TI1-TPS82690 Datasheet
886Kb / 23P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com