Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EVAL-ADM1028 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce EVAL-ADM1028
Description  Evaluation Board for PC Temperature Monitor and Fan Control ASIC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADM1028 Fiches technique(HTML) 6 Page - Analog Devices

  EVAL-ADM1028 Datasheet HTML 1Page - Analog Devices EVAL-ADM1028 Datasheet HTML 2Page - Analog Devices EVAL-ADM1028 Datasheet HTML 3Page - Analog Devices EVAL-ADM1028 Datasheet HTML 4Page - Analog Devices EVAL-ADM1028 Datasheet HTML 5Page - Analog Devices EVAL-ADM1028 Datasheet HTML 6Page - Analog Devices EVAL-ADM1028 Datasheet HTML 7Page - Analog Devices EVAL-ADM1028 Datasheet HTML 8Page - Analog Devices EVAL-ADM1028 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
EVAL-ADM1028
–6–
REV. PrA
If this is the ADM1028 the user wishes to use then click
in “Finish” to begin running the software. An index type
display will be displayed on the screen.
If the ADM1028 was not found on the chosen medium the
following screen will appear.
In this case check the connections to the board and the
power supply. Also the user should check the position of
S1 (on/off switch). If this switch is in the off position then
the software will not find the evaluation board. Then click
on “Back” and try again. If this does not work then try re-
booting the PC and re-running the software.
READ/WRITE
This tab displays information about the ADM1028’s
internal registers and allows their contents to be read and/
or altered. Each register has a button associated with it.
Clicking on a button will display the contents of the
selected register in the register contents box and the name
of each register bit. The register contents are also
displayed in hexadecimal and decimal.
Clicking on a register button causes its contents to be read
once if contineous reading is off. If contineous reading is
on, the register will be updated contineously. Click on the
button to toggle between
USING THE SOFTWARE
The index type display which appears on the screen when
the software starts to run has three tabs.
MAIN TAB
The main tab shows the software version and allows the
user to quit the program by clicking on
and
The type of register selected, its hexadecimal address, its
current value in hexadecimal and decimal and the previous
value written to the register, are also displayed.
Figure4. ADM1028 Evaluation Software MainTab


Numéro de pièce similaire - EVAL-ADM1028

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
EVAL-ADM1021AEB AD-EVAL-ADM1021AEB Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
EVAL-ADM1022 AD-EVAL-ADM1022 Datasheet
346Kb / 14P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. B
EVAL-ADM1023 AD-EVAL-ADM1023 Datasheet
292Kb / 12P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. A 11/10/99
EVAL-ADM1026EB AD-EVAL-ADM1026EB Datasheet
634Kb / 56P
   Complete Thermal and System Management Controller
REV. A
More results

Description similaire - EVAL-ADM1028

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM1022 AD-ADM1022 Datasheet
190Kb / 19P
   Low-Cost PC Temperature Monitor and Fan Control ASIC
REV. 0
EVAL-ADM1030 AD-EVAL-ADM1030 Datasheet
534Kb / 14P
   Evaluation Board for ACPI Temperature Monitor and PWM Fan Controller
REV. PrA 10/2000
EVAL-ADM1022 AD-EVAL-ADM1022 Datasheet
346Kb / 14P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. B
EVAL-ADM1023 AD-EVAL-ADM1023 Datasheet
292Kb / 12P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. A 11/10/99
ADM1025 AD-ADM1025 Datasheet
164Kb / 16P
   Low-Cost PC Hardware Monitor ASIC
REV. A
logo
ON Semiconductor
ADT7473 ONSEMI-ADT7473_16 Datasheet
624Kb / 73P
   Remote Thermal Monitor and Fan Control
November, 2016 ??Rev. 11
ADT7473 ONSEMI-ADT7473_15 Datasheet
627Kb / 73P
   Remote Thermal Monitor and Fan Control
April, 2015 ??Rev. 10
ADM1025 ONSEMI-ADM1025 Datasheet
302Kb / 21P
   Low Cost PC Hardware Monitor ASIC
February 2008 ??Rev. P5
ADT7473 ONSEMI-ADT7473_11 Datasheet
1Mb / 74P
   dbCOOL Remote Thermal Monitor and Fan Control
October, 2011 ??Rev. 7
ADT7473 ONSEMI-ADT7473 Datasheet
1Mb / 74P
   dBCOOL Remote Thermal Monitor and Fan Control
April, 2009 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com