Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EVAL-ADM1028 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce EVAL-ADM1028
Description  Evaluation Board for PC Temperature Monitor and Fan Control ASIC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADM1028 Fiches technique(HTML) 5 Page - Analog Devices

  EVAL-ADM1028 Datasheet HTML 1Page - Analog Devices EVAL-ADM1028 Datasheet HTML 2Page - Analog Devices EVAL-ADM1028 Datasheet HTML 3Page - Analog Devices EVAL-ADM1028 Datasheet HTML 4Page - Analog Devices EVAL-ADM1028 Datasheet HTML 5Page - Analog Devices EVAL-ADM1028 Datasheet HTML 6Page - Analog Devices EVAL-ADM1028 Datasheet HTML 7Page - Analog Devices EVAL-ADM1028 Datasheet HTML 8Page - Analog Devices EVAL-ADM1028 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
EVAL-ADM1028
–5–
REV. PrA
THE SOFTWARE
The software allows the ADM1028’s functions to be
controlled from the PC via an easy to use interface
operating under the Windows
 environment. The
contents of the devices internal registers can easilt be read
or altered through a user friendly graphics interface, while
the control center window allows the graphing of the
temperature readings.
INSTALLING THE SOFTWARE
To install the software insert the Analog Devices
ADM1028 CD-Rom into the CD-Rom Drive. The CD-
Rom should autorun and start installing the software. If
this does not occur then the user should click on the Start
Icon and then on Run Icon and type X:setup.exe as the file
name, where X is the drive letter of the CD-Rom drive.
To finish installing the softwate follow the onscreen
instructions.
USING THE SOFTWARE
When using the software, first ensure that the evaluation
board is connected to the Parallel Printer Port and that the
power supply is plugged into the board.
To start the Software, select Start-Programs-Analog
Devices- ADM1028 Evaluation Software.
When the program is selected the Software Initialisation
Wizard will appear first.
Click on “Next” to go to the next screen, which will
allow the user to choose between connecting the
evaluation board via the printer port or via the SMBus.
Once the Communications medium has been selected,
click on “Next” to go to the next screen. When you are
ready for the evaluation software to begin searching for the
device on the chosen medium, click on “Next”.
The software will search for the ADM1028 and if it finds
it the following screen will appear.


Numéro de pièce similaire - EVAL-ADM1028

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
EVAL-ADM1021AEB AD-EVAL-ADM1021AEB Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
EVAL-ADM1022 AD-EVAL-ADM1022 Datasheet
346Kb / 14P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. B
EVAL-ADM1023 AD-EVAL-ADM1023 Datasheet
292Kb / 12P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. A 11/10/99
EVAL-ADM1026EB AD-EVAL-ADM1026EB Datasheet
634Kb / 56P
   Complete Thermal and System Management Controller
REV. A
More results

Description similaire - EVAL-ADM1028

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM1022 AD-ADM1022 Datasheet
190Kb / 19P
   Low-Cost PC Temperature Monitor and Fan Control ASIC
REV. 0
EVAL-ADM1030 AD-EVAL-ADM1030 Datasheet
534Kb / 14P
   Evaluation Board for ACPI Temperature Monitor and PWM Fan Controller
REV. PrA 10/2000
EVAL-ADM1022 AD-EVAL-ADM1022 Datasheet
346Kb / 14P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. B
EVAL-ADM1023 AD-EVAL-ADM1023 Datasheet
292Kb / 12P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. A 11/10/99
ADM1025 AD-ADM1025 Datasheet
164Kb / 16P
   Low-Cost PC Hardware Monitor ASIC
REV. A
logo
ON Semiconductor
ADT7473 ONSEMI-ADT7473_16 Datasheet
624Kb / 73P
   Remote Thermal Monitor and Fan Control
November, 2016 ??Rev. 11
ADT7473 ONSEMI-ADT7473_15 Datasheet
627Kb / 73P
   Remote Thermal Monitor and Fan Control
April, 2015 ??Rev. 10
ADM1025 ONSEMI-ADM1025 Datasheet
302Kb / 21P
   Low Cost PC Hardware Monitor ASIC
February 2008 ??Rev. P5
ADT7473 ONSEMI-ADT7473_11 Datasheet
1Mb / 74P
   dbCOOL Remote Thermal Monitor and Fan Control
October, 2011 ??Rev. 7
ADT7473 ONSEMI-ADT7473 Datasheet
1Mb / 74P
   dBCOOL Remote Thermal Monitor and Fan Control
April, 2009 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com