Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

EVAL-ADM1023 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce EVAL-ADM1023
Description  Evaluation Board for Microprocessor System Temperature Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADM1023 Fiches technique(HTML) 6 Page - Analog Devices

Back Button EVAL-ADM1023 Datasheet HTML 2Page - Analog Devices EVAL-ADM1023 Datasheet HTML 3Page - Analog Devices EVAL-ADM1023 Datasheet HTML 4Page - Analog Devices EVAL-ADM1023 Datasheet HTML 5Page - Analog Devices EVAL-ADM1023 Datasheet HTML 6Page - Analog Devices EVAL-ADM1023 Datasheet HTML 7Page - Analog Devices EVAL-ADM1023 Datasheet HTML 8Page - Analog Devices EVAL-ADM1023 Datasheet HTML 9Page - Analog Devices EVAL-ADM1023 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
EVAL-ADM1023
–6–
REV. A
Preliminary Technical Data
PRELIMINAR
Y
TECHNICAL
DA
TA
Click on “Next” to go to the next screen, which allows
the user to select between connecting the evaluation board
via the printer port or via the SMBus. The PIIX4 SMBus
Interface is intended for when the ADM1023 is present on
the PC’s motherboard. While using the evaluation board
the Parallel Printer Port Option should always be selected.
Once the communication medium has been selected, click
on “Next” to go to the next screen. When you are ready
for the software to begin searching for the evaluation
board on either the parallel port or the SMBus , click
“Next”
The software will search for the ADM1023 and when it is
found the following screen will appear. The device address
given will depend on the settings of J7 and J8
If this is the device the user intends
to use, click on “Yes”
and the following screen appears. If the user wants to use a
different device
click on “No” to continue searching.
If the device was not found the following screen will
appear. In this case check the connections to the
evaluation board, click on “Back” and try again. If this
does not work then try re-booting the PC and re-running
the software


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn