Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

EVAL-ADM1023 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce EVAL-ADM1023
Description  Evaluation Board for Microprocessor System Temperature Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADM1023 Fiches technique(HTML) 4 Page - Analog Devices

  EVAL-ADM1023 Datasheet HTML 1Page - Analog Devices EVAL-ADM1023 Datasheet HTML 2Page - Analog Devices EVAL-ADM1023 Datasheet HTML 3Page - Analog Devices EVAL-ADM1023 Datasheet HTML 4Page - Analog Devices EVAL-ADM1023 Datasheet HTML 5Page - Analog Devices EVAL-ADM1023 Datasheet HTML 6Page - Analog Devices EVAL-ADM1023 Datasheet HTML 7Page - Analog Devices EVAL-ADM1023 Datasheet HTML 8Page - Analog Devices EVAL-ADM1023 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
EVAL-ADM1023
–4–
REV. A
Preliminary Technical Data
PRELIMINAR
Y
TECHNICAL
DA
TA
CONNECTORS, SWITCHES AND INDICATORS
The function of the various connectors, links and
indicators on the evaluation board are explained below.
TEST CONNECTOR
Test Connector J1 allows an external diode to be
connected between the D+
and D- terminals of the
ADM1023
CENTRONICS INTERFACE CABLE
The evaluation board and the personal computer may be
connected via the printer parallel port using the contronics
cable provided. The connections to J2 are as follows.
REMOTE SENSOR SELECT LK1
The function of this jumper is to allow the user to choose
between measuring tempertature using the on-board
remote sensor and an external one connected between the
D+ and D- terminals of J1. When the middle pin is linked
to B
the on-board sensor is used and when the middle pin
is linked to A the off-board sensor is used.
STANDBY INPUT LK4
The ADM1023 has an active low standby input, pin 15
controlled by LK4 on the evaluation board. This is a logic
input that enables selection between normal operation
(high) and standby operation (low). Without the shorting
link the pin is high (normal mode). With the shorting link
the pin is low (standby mode). This input performs the
same function as bit 7 of the status register
TABLE 1. ADM1023 SENSOR SELECTION
LK1 Position
Sensor Selected
A
External Sensor
B
On-baord NPN Sensor
SERIAL BUS ADDRESS SELECT
LK2 and LK3 are used to set the two LSB’s of the
ADM1023’s serial bus address, ADD0 and ADD1. These
pins are tri-state and can be grounded, left unconnected or
tied to VDD. This means a total of nine addresses are
possible. However for simplicity on the evaluation board a
jumper is used to allow each pin two states ( 4 Addresses).
The pin is floating when the shorting link is not on the
board. The pin is grounded when the shorting link is
placed on the board. It should be noted that ADD0 and
ADD1 are only read at power up. If
LK2 or LK3 are
changed
while the ADM1023 is on, the change of address
will not be effective until the device has been powered off
and then on again.
As the serial bus address is seven bits, when storing it as
an 8-bit word it must be left or right justified, with either
the MSB or the LSB of the 8-bit word as zero. The
ADM1023 evaluation software stores the 7-bit serial bus
address as left justified and makes the LSB zero. Table 2
shows the four possible addresses possible on the
evaluation board
TABLE 2. ADM1023 DEVICE ADDRESSES
Address Pins
Device Address
ADD1 (LK2)
ADD0 (LK3)
Binary
Hex
0(LK2 Closed)
0(LK3 Closed)
0011000(0)
0
0(LK Closed)
NC(LK Open)
0011001(0)
32
NC(LK2 Open)
0(LK3 Closed)
0101001(0)
52
NC(LK2 Open)
NC(LK3 Open)
0101010(0)
54


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn