Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61310YFF Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TPS61310YFF
Description  1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS61310YFF Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS61310YFF Datasheet HTML 6Page - Texas Instruments TPS61310YFF Datasheet HTML 7Page - Texas Instruments TPS61310YFF Datasheet HTML 8Page - Texas Instruments TPS61310YFF Datasheet HTML 9Page - Texas Instruments TPS61310YFF Datasheet HTML 10Page - Texas Instruments TPS61310YFF Datasheet HTML 11Page - Texas Instruments TPS61310YFF Datasheet HTML 12Page - Texas Instruments TPS61310YFF Datasheet HTML 13Page - Texas Instruments TPS61310YFF Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
0
10
20
30
40
50
60
70
80
90
100
2.5
2.9
3.3
3.7
4.1
4.5
4.9
5.3
V -InputVoltage-V
I
ILED1=
50mA
ILED2=100mA
ILED3=
I
=1750mA,
Tx-MASK=Low
LIM
ILED1=
0mA
ILED2=200mA
ILED3=10
ILED1=
5mA
ILED2=150mA
ILED3=7
ILED1=
50mA
ILED2=550mA
ILED3=2
ILED1=
50mA
ILED2=600mA
ILED3=3
ILED1=
50mA
ILED2=450mA
ILED3=2
2.5
2.9
3.3
3.7
4.1
4.5
4.9
5.3
V -InputVoltage-V
I
0
10
20
30
40
50
60
70
80
90
100
ILED2=75mA
ILED2=100mA
ILED2=150mA
ILED2=225mA
I
=1750mA,
Tx-MASK=Low
LED2Channel
LIM
TPS61310, TPS61311
SLVS978C – MARCH 2010 – REVISED NOVEMBER 2012
www.ti.com
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
FIGURE
LED Power Efficiency
vs. Input Voltage
Figure 5, Figure 6
DC Input Current
vs. Input Voltage
Figure 7
LED Current
vs. LED Pin Headroom Voltage
Figure 8, Figure 9
Figure 10, Figure 11,
LED Current
vs. LED Current Digital Code
Figure 12, Figure 13
INDLED Current
vs. LED Pin Headroom Voltage
Figure 14
Voltage Mode Efficiency
vs. Output Current
Figure 15, Figure 16
DC Output Voltage
vs. Output Current
Figure 17, Figure 18
Maximum Output Current
vs. Input Voltage
Figure 19
DC Pre-Charge Current
vs. Differential Input-Output Voltage
Figure 20, Figure 21
Supply Current
vs. Input Voltage
Figure 22
Temperature Detection Threshold
Figure 23, Figure 24
Junction Temperature
vs. Port Voltage
Figure 25
Flash Sequence
Figure 26
Figure 27, Figure 28,
Tx-Masking Operation
Figure 29
Low-Light Dimming Mode Operation
Figure 30
PWM Operation
Figure 31
PFM Operation
Figure 32
Down-Mode Operation (Voltage Mode)
Figure 33
Voltage Mode Load Transient Response
Figure 34
Start-up Into video Light Operation
Figure 35
Start-up Into Voltage Mode Operation
Figure 36
Figure 5. LED Power Efficiency
Figure 6. LED Power Efficiency
vs.
vs.
Input Voltage
Input Voltage
10
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Links: TPS61310 TPS61311


Numéro de pièce similaire - TPS61310YFF

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61310YFF TI-TPS61310YFF Datasheet
1Mb / 51P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310YFFR TI-TPS61310YFFR Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310YFFT TI-TPS61310YFFT Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
More results

Description similaire - TPS61310YFF

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61310YFFR TI-TPS61310YFFR Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310 TI-TPS61310 Datasheet
1Mb / 51P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61325 TI-TPS61325 Datasheet
2Mb / 62P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61305YFFT TI-TPS61305YFFT Datasheet
2Mb / 77P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61300 TI-TPS61300 Datasheet
1Mb / 78P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61300 TI1-TPS61300_16 Datasheet
2Mb / 70P
[Old version datasheet]   TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
logo
Rohm
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
   1.5A LED Camera Flash Driver
logo
OSRAM GmbH
CWCBLPM1.W1 OSRAM-CWCBLPM1.W1 Datasheet
865Kb / 23P
   Camera Flash and Video Light
CWCBLPM1.E1 OSRAM-CWCBLPM1.E1 Datasheet
801Kb / 23P
   Camera Flash and Video Light
LTCN5M-GAHB-25-1 OSRAM-LTCN5M-GAHB-25-1 Datasheet
1Mb / 21P
   Camera Flash and Video Light
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com