Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61310 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TPS61310
Description  1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS61310 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS61310_12 Datasheet HTML 7Page - Texas Instruments TPS61310_12 Datasheet HTML 8Page - Texas Instruments TPS61310_12 Datasheet HTML 9Page - Texas Instruments TPS61310_12 Datasheet HTML 10Page - Texas Instruments TPS61310_12 Datasheet HTML 11Page - Texas Instruments TPS61310_12 Datasheet HTML 12Page - Texas Instruments TPS61310_12 Datasheet HTML 13Page - Texas Instruments TPS61310_12 Datasheet HTML 14Page - Texas Instruments TPS61310_12 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
0
100
200
300
400
500
600
700
800
900
400 500 600 700 800 900 1000 1100 1200 1300 1400
LED1,LED3PinHeadroomVoltage-mV
ILED1= ILED3=400mA
I
=1750mA
LIM
ILED1= ILED3=350mA
ILED1= ILED3=300mA
ILED1= ILED3=250mA
0
25
50
75
100
125
150
175
200
225
250
275
300
0
25 50 75 100 125 150 175 200 225 250 275 300
LED2CurrentDigitalCode-mA
V
=2.5V
IN
V
=4.5V
IN
V
=3.6V
IN
I
=1750mA
LIM
0
100
200
300
400
500
600
700
800
900
400 500 600 700 800 900 1000 1100 1200 1300 1400
LED2PinHeadroomVoltage-mV
ILED2=800mA
ILED2=700mA
ILED2=550mA
ILED2=300mA
ILED2=450mA
ILED2=350mA
I
=1750mA
LIM
0
250
500
750
1000
1250
1500
1750
2000
2.5
2.9
3.3
3.7
4.1
4.5
4.9
5.3
V -InputVoltage-V
I
I
=1750mA,
Tx-MASK=Low
LIM
ILED1=
50mA
ILED2=550mA
ILED3=2
ILED1=
50mA
ILED2=600mA
ILED3=3
ILED1=
50mA
ILED2=450mA
ILED3=2
ILED1=
50mA
ILED2=275mA
ILED3=2
TPS61310, TPS61311
www.ti.com
SLVS978C – MARCH 2010 – REVISED NOVEMBER 2012
TYPICAL CHARACTERISTICS (continued)
Figure 7. DC Input Current
Figure 8. LED2 Current
vs.
vs.
Input Voltage
LED2 Pin Headroom Voltage
Figure 9. LED1+LED3 Current
Figure 10. LED2 Current
vs.
vs.
LED1+LED3 Pin Headroom Voltage
LED2 Current Digital Code
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS61310 TPS61311


Numéro de pièce similaire - TPS61310_12

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61310YFF TI-TPS61310YFF Datasheet
1Mb / 51P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310YFFR TI-TPS61310YFFR Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310YFFT TI-TPS61310YFFT Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
More results

Description similaire - TPS61310_12

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61310YFFR TI-TPS61310YFFR Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310 TI-TPS61310 Datasheet
1Mb / 51P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61325 TI-TPS61325 Datasheet
2Mb / 62P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61305YFFT TI-TPS61305YFFT Datasheet
2Mb / 77P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61300 TI-TPS61300 Datasheet
1Mb / 78P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61300 TI1-TPS61300_16 Datasheet
2Mb / 70P
[Old version datasheet]   TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
logo
Rohm
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
   1.5A LED Camera Flash Driver
logo
OSRAM GmbH
CWCBLPM1.W1 OSRAM-CWCBLPM1.W1 Datasheet
865Kb / 23P
   Camera Flash and Video Light
CWCBLPM1.E1 OSRAM-CWCBLPM1.E1 Datasheet
801Kb / 23P
   Camera Flash and Video Light
LTCN5M-GAHB-25-1 OSRAM-LTCN5M-GAHB-25-1 Datasheet
1Mb / 21P
   Camera Flash and Video Light
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com