Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61196PWPR Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS61196PWPR
Description  6-String 400-mA WLED Driver with Independent PWM Dimming for Each String
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS61196PWPR Fiches technique(HTML) 5 Page - Texas Instruments

  TPS61196PWPR Datasheet HTML 1Page - Texas Instruments TPS61196PWPR Datasheet HTML 2Page - Texas Instruments TPS61196PWPR Datasheet HTML 3Page - Texas Instruments TPS61196PWPR Datasheet HTML 4Page - Texas Instruments TPS61196PWPR Datasheet HTML 5Page - Texas Instruments TPS61196PWPR Datasheet HTML 6Page - Texas Instruments TPS61196PWPR Datasheet HTML 7Page - Texas Instruments TPS61196PWPR Datasheet HTML 8Page - Texas Instruments TPS61196PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
COMP
VDD
1
2
3
4
5
6
7
8
9
10
PGND
OVP
GDRV
ISNS
EN
PWM3
ISET
IFB2
FBP
FSW
IFB3
IFB1
VIN
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PWM2
PWM1
IFBV
PWM4
PWM5
PWM6
AGND
IFB5
IFB4
IFB6
UVLO
FAULT
REF
TPS61196
www.ti.com
SLVSBG1C – OCTOBER 2012 – REVISED FEBRUARY 2013
DEVICE INFORMATION
HTSSOP-28 (PWP)
(TOP VIEW)
PIN FUNCTIONS
PIN
DESCRIPTION
NUMBER
NAME
(PWP)
1
UVLO
Low input voltage lock out. Use a resister divider from VIN to this pin to set the UVLO threshold
2
EN
Enable and disable pin. EN high=Enable, EN low=Disable
3,4,5,6,7,8
PWM1 to
PWM signal input pins. The frequency of PWM signal is in the range of 90Hz to 22kHz
PWM6
9
FBP
LED cross-short protection threshold program pin. Use a resistor to GND to set the threshold
10
ISET
Connecting a resistor to the pin programs the IFB pin current level for full brightness (i.e., 100% dimming)
11
IFBV
Minimum feedback voltage setting for LED strings
12,13,14,15,16,
IFB1 to IFB6
Regulated current sink input pins
17
18
AGND
Analog ground
19
OVP
Over-voltage protection detection input. Connect a resistor divider from output to this pin to program the
OVP threshold.
20
COMP
Loop compensation for the boost converter. Connect a RC network to make loop stable
21
REF
Internal reference voltage for the boost converter. Use a capacitor at this pin to adjust the soft start time.
When two chips operate in parallel, connect the master's REF pin to the slave's COMP pin.
22
PGND
External MOSFET current sense ground input
23
ISNS
External MOSFET current sense positive input
24
GDRV
External switch MOSFET gate driver output
25
VDD
Internal regulator output for IC internal power supply. Connect a 1.0µF ceramic capacitor to this pin.
26
FSW
Switching frequency setting pin. Use a resistor to set the frequency between 100kHz to 800kHz. An
external input voltage above 3.5V or below 0.5V disables the internal clock and makes the device as
slave device
27
FAULT
Fault indicator. Open-drain output. Output high impedance when fault conditions happen
28
VIN
Power supply input pin
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links :TPS61196


Numéro de pièce similaire - TPS61196PWPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61196PWPRQ1 TI1-TPS61196PWPRQ1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS61196-Q1 6-String 400-mA WLED Driver with Independent PWM Dimming For Each String
More results

Description similaire - TPS61196PWPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61196-Q1 TI-TPS61196-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS61196-Q1 6-String 400-mA WLED Driver with Independent PWM Dimming For Each String
TPS61196-Q1 TI1-TPS61196-Q1_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS61196-Q1 6-String 400-mA WLED Driver with Independent PWM Dimming For Each String
logo
Monolithic Power System...
MP3387A MPS-MP3387A Datasheet
443Kb / 16P
   6-String, Max 80mA/String, Step-Up, White LED Driver with Combined Analog and PWM Dimming
logo
Maxim Integrated Produc...
MAX17105 MAXIM-MAX17105 Datasheet
993Kb / 26P
   8-String WLED Driver with Integrated Step-Up Regulator and SMBus/PWM Dimming Capability
Rev 2; 9/14
logo
Texas Instruments
TPS61197 TI-TPS61197 Datasheet
1,007Kb / 22P
[Old version datasheet]   Single-String WLED Driver for LCD TV
logo
Maxim Integrated Produc...
MAX17129 MAXIM-MAX17129 Datasheet
2Mb / 21P
   Low-Cost, 6-String WLED Drivers with Quick-PWM Step-Up Converter
Rev 1; 9/11
MAX17129ETE MAXIM-MAX17129ETE Datasheet
2Mb / 21P
   Low-Cost, 6-String WLED Drivers with Quick-PWM Step-Up Converter
Rev 1; 9/11
MAX17127 MAXIM-MAX17127 Datasheet
2Mb / 22P
   Six-String WLED Driver with Integrated Step-Up Converter
19-5164; Rev 0; 3/10
logo
Linear Technology
LT3598 LINER-LT3598_15 Datasheet
407Kb / 24P
   6-String 30mA LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com