Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS43060 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS43060
Description  Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS43060 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS43060 Datasheet HTML 4Page - Texas Instruments TPS43060 Datasheet HTML 5Page - Texas Instruments TPS43060 Datasheet HTML 6Page - Texas Instruments TPS43060 Datasheet HTML 7Page - Texas Instruments TPS43060 Datasheet HTML 8Page - Texas Instruments TPS43060 Datasheet HTML 9Page - Texas Instruments TPS43060 Datasheet HTML 10Page - Texas Instruments TPS43060 Datasheet HTML 11Page - Texas Instruments TPS43060 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
1.200
1.205
1.210
1.215
1.220
1.225
1.230
1.235
1.240
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C006
0.0
0.5
1.0
1.5
2.0
2.5
3.0
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
COMP Pin Clamp High
COMP Pin Clamp Low
C007
520
540
560
580
600
620
640
660
680
±50
±25
0
25
50
75
100
125
150
Temperature ( C)
Series1
Series2
Series4
Series5
C004
V
IN = 4.5 V
V
IN = 12 V
V
IN = 24 V
V
IN = 40 V
400
420
440
460
480
500
520
540
560
580
600
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C005
R
T = 115 k
3.5
3.6
3.7
3.8
3.9
4.0
4.1
4.2
4.3
4.4
4.5
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
VIN Rising
VIN Falling
C002
0
1
2
3
4
5
6
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
Series4
Series5
Series6
Series7
C003
V
IN = 24 V
V
IN = 40 V
V
IN = 12 V
V
IN = 4.5 V
TPS43060
TPS43061
SLVSBP4A – DECEMBER 2012 – REVISED DECEMBER 2012
www.ti.com
TYPICAL CHARACTERISTICS
VIN = 12 V, fSW = 500 kHz, TA = 25ºC (unless otherwise noted)
Figure 1. Input Start and Stop Voltage vs Temperature
Figure 2. Shutdown Supply Current vs Temperature
Figure 3. Non-Switching Supply Current vs Temperature
Figure 4. Frequency vs Temperature
Figure 5. Feedback Voltage Reference vs Temperature
Figure 6. COMP Clamp Voltage vs Temperature
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS43060 TPS43061


Numéro de pièce similaire - TPS43060

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS43060 TI1-TPS43060 Datasheet
1Mb / 38P
[Old version datasheet]   Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
TPS43060 TI-TPS43060_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS4306x Low Quiescent Current Synchronous Boost DC-DC Controller With Wide VIN Range
More results

Description similaire - TPS43060

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS43061-312168 TI1-TPS43061-312168 Datasheet
1Mb / 38P
[Old version datasheet]   Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
TPS43060 TI-TPS43060_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS4306x Low Quiescent Current Synchronous Boost DC-DC Controller With Wide VIN Range
logo
Linear Technology
LTC3854 LINER-LTC3854_15 Datasheet
539Kb / 28P
   Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
LTC3854 LINER-LTC3854 Datasheet
387Kb / 28P
   Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
LTC3536 LINER-LTC3536 Datasheet
171Kb / 6P
   1A, Low Noise, Wide VIN Buck-Boost DC/DC Converter
LTC3129 LINER-LTC3129_15 Datasheet
405Kb / 30P
   15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
LTC3129-1 LINER-LTC3129-1_15 Datasheet
560Kb / 30P
   15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
LT8705 LINER-LT8705_15 Datasheet
544Kb / 44P
   80V VIN and VOUT Synchronous 4-Switch Buck- Boost DC/DC Controller
LT8705A LINER-LT8705A Datasheet
373Kb / 10P
   80V VIN and VOUT Synchronous 4-Switch Buck-Boost DC/DC Controller
LTC3863 LINER-LTC3863 Datasheet
541Kb / 36P
   60V Low IQ Inverting DC/DC Controller Wide Operating VIN Range: 3.5V to 60V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com