Moteur de recherche de fiches techniques de composants électroniques |
|
BTA04-400T Fiches technique(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
|
BTA04-400T Fiches technique(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
2 / 5 page Symbol Parameter Value Unit Rth (j-a) Junction to ambient 60 °C/W Rth (j-c) DC Junction to case for DC BTA 4.4 °C/W BTB 3.2 Rth (j-c) AC Junction to case for 360° conduction angle (F = 50Hz) BTA 3.3 °C/W BTB 2.4 GATE CHARACTERISTICS (maximum values) PG(AV) =1W PGM = 40W (tp = 20µs) IGM = 4A (tp = 20µs) VGM = 16V (tp = 20µs) THERMAL RESISTANCE Symbol Test conditions Quadrant BTA / BTB04 Unit TD S A IGT VD = 12V (DC) RL =33 Ω Tj = 25°C I - II - III MAX. 5 5 10 10 mA IV MAX. 5 10 10 25 VGT VD = 12V (DC) RL =33 Ω Tj = 25°C I - II - III - IV MAX. 1.5 V VGD VD =VDRM RL = 3.3k Ω Tj =110°C I - II - III - IV MIN. 0.2 V tgt VD =VDRM IG = 40mA dIG/dt = 0.5A/µs Tj = 25°C I - II - III - IV TYP. 2 µs IL IG = 1.2IGT Tj = 25°C I - III - IV TYP. 10 10 20 20 mA II 20 20 40 40 IH*IT = 100mA Gate open Tj = 25°C MAX. 15 15 25 25 mA VTM *ITM = 5.5A tp = 380µs Tj = 25°C MAX. 1.65 V IDRM IRRM VDRM rated VRRM rated Tj = 25°C MAX. 0.01 mA Tj = 110°C MAX. 0.75 dV/dt * Linear slope up to VD = 67% VDRM gate open Tj = 110°C TYP. 10 10 - - V/ µs MIN. - - 10 10 (dI/dt)c* (dI/dt)c = 1.8A/ms Tj = 110°C TYP. 1 1 5 5 V/µs * For either polarity of electrode A2 voltage with reference to electrode A1 ELECTRICAL CHARACTERISTICS http://www.luguang.cn Email:lge@luguang.cn BTA04 T/D/S/A BTB04 T/D/S/A |
Numéro de pièce similaire - BTA04-400T |
|
Description similaire - BTA04-400T |