Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD5S116 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPD5S116
Description  HDMI COMPANION CHIP WITH LEVEL SHIFTING BUFFER 5V LOAD SWITCH AND ESD PROTECTION
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPD5S116 Fiches technique(HTML) 4 Page - Texas Instruments

  TPD5S116 Datasheet HTML 1Page - Texas Instruments TPD5S116 Datasheet HTML 2Page - Texas Instruments TPD5S116 Datasheet HTML 3Page - Texas Instruments TPD5S116 Datasheet HTML 4Page - Texas Instruments TPD5S116 Datasheet HTML 5Page - Texas Instruments TPD5S116 Datasheet HTML 6Page - Texas Instruments TPD5S116 Datasheet HTML 7Page - Texas Instruments TPD5S116 Datasheet HTML 8Page - Texas Instruments TPD5S116 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TPD5S116
SLVSBP3 – DECEMBER 2012
www.ti.com
Table 1. FUNCTION TABLE – POWER SAVING OPTIONS
Dxx_SYS
DCC_C ON
CEC_CON
CEC
LOAD SW
DCC/CEC
ICCA
ICC5V
HPD_CON
EN
VCCA
5V_SYS
5V_CON
CEC_SYS
Comments
Pull-ups
Pull-ups
LDO
& HPD
VLTs
Typ
Typ
Pull-ups
1.2V –
Fully
L
L
5.0V
High-Z
Off
Off
Off
Off
Off
Off
1µA
2µA
5.0V
Disabled
1.2V –
Load Switch
L
H
5.0V
5.0V
On
On
Off
Off
On
Off
1µA
30µA
5.0V
on
1.2V –
Not Valid
H
L
5.0V
High-Z
Off
Off
Off
Off
Off
Off
1µA
2µA
5.0V
State
1.2V –
H
H
5.0V
5.0V
On
On
On
On
On
On
24µA
125µA
Fully On
5.0V
X
X
0V
0V
High-Z
High-Z
High-Z
High-Z
Off
Off
Off
0
0
Power Down
1.2V –
X
X
0V
High-Z
High-Z
High-Z
High-Z
Off
Off
Off
1
0
Power Down
5.0V
X
X
0V
5.0V
High-Z
High-Z
High-Z
High-Z
Off
Off
Off
0
1
Power Down
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPD5S116


Numéro de pièce similaire - TPD5S116

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD5S115 TI-TPD5S115 Datasheet
493Kb / 23P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
TPD5S115YFFR TI-TPD5S115YFFR Datasheet
493Kb / 23P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
More results

Description similaire - TPD5S116

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD12S016 TI1-TPD12S016_17 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016_14 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016 Datasheet
1Mb / 26P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD5S115 TI-TPD5S115 Datasheet
493Kb / 23P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
logo
NXP Semiconductors
IP4791CZ12 NXP-IP4791CZ12_11 Datasheet
154Kb / 17P
   HDMI ESD protection, level shifter and backdrive protection
Rev. 3-7 January 2011
logo
Texas Instruments
TPD12S016 TI1-TPD12S016_15 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
logo
Fairchild Semiconductor
FSTUD16211 FAIRCHILD-FSTUD16211_06 Datasheet
309Kb / 8P
   24-Bit Bus Switch with −2V Undershoot Protection and Level Shifting
FSTUD16211 FAIRCHILD-FSTUD16211 Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
logo
NXP Semiconductors
IP4776CZ38 PHILIPS-IP4776CZ38 Datasheet
104Kb / 13P
   Fully integrated HDMI interface with level shifter, ESD and backdrive protection
Rev. 02-18 September 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com