Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD5S115YFFR Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPD5S115YFFR
Description  HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPD5S115YFFR Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPD5S115YFFR Datasheet HTML 7Page - Texas Instruments TPD5S115YFFR Datasheet HTML 8Page - Texas Instruments TPD5S115YFFR Datasheet HTML 9Page - Texas Instruments TPD5S115YFFR Datasheet HTML 10Page - Texas Instruments TPD5S115YFFR Datasheet HTML 11Page - Texas Instruments TPD5S115YFFR Datasheet HTML 12Page - Texas Instruments TPD5S115YFFR Datasheet HTML 13Page - Texas Instruments TPD5S115YFFR Datasheet HTML 14Page - Texas Instruments TPD5S115YFFR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TPD5S115
www.ti.com
SLVSBL2B – OCTOBER 2012 – REVISED MARCH 2013
SWITCHING CHARACTERISTICS (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
PINS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TRISE
B port rise time
B-Port
CEC channels enabled
16
µs
Section 3.2C (Voltage Level Shifter- HPD Line (x_A & x_B ports) VCCA = 1.5V
TPHL
Propagation delay
B to A
CEC channels enabled
10
ns
TPLH
Propagation delay
B to A
CEC channels enabled
10
ns
TFALL
A port fall time
A-Port
CEC channels enabled
0.46
ns
TRISE
A port rise time
A-Port
CEC channels enabled
0.5
ns
Section 3.3A (Voltage Level Shifter- SCL, SDA Lines (x_A & x_B ports) VCCA = 1.8V
A to B
DDC channels enabled
370
ns
TPHL
Propagation delay
B to A
DDC channels enabled
230
ns
A to B
DDC channels enabled
480
ns
TPLH
Propagation delay
B to A
DDC channels enabled
163
ns
TFALL
A port fall time
A-Port
DDC channels enabled
100
ns
TFALL
B port fall time
B-Port
DCC channels enabled
135
ns
TRISE
A port rise time
A-Port
DCC channels enabled
180
ns
TRISE
B port rise time
B-Port
DCC channels enabled
93
ns
FMAX
Maximum switching frequency
DCC channels enabled
400
kHz
Section 3.3B (Voltage Level Shifter- CEC Line (x_A & x_B ports) VCCA = 1.8V
A to B
CEC channels enabled
530
ns
TPHL
Propagation delay
B to A
CEC channels enabled
230
ns
A to B
CEC channels enabled
13
µs
TPLH
Propagation delay
B to A
CEC channels enabled
280
ns
TFALL
A port fall time
A-Port
CEC channels enabled
98
ns
TFALL
B port fall time
B-Port
CEC channels enabled
200
ns
TRISE
A port rise time
A-Port
CEC channels enabled
180
ns
TRISE
B port rise time
B-Port
CEC channels enabled
16
µs
Section 3.3C (Voltage Level Shifter- HPD Line (x_A & x_B ports) VCCA = 1.8V
TPHL
Propagation delay
B to A
CEC channels enabled
10
ns
TPLH
Propagation delay
B to A
CEC channels enabled
10
ns
TFALL
A port fall time
A-Port
CEC channels enabled
0.41
ns
TRISE
A port rise time
A-Port
CEC channels enabled
0.41
ns
Section 3.4A (Voltage Level Shifter- SCL, SDA Lines (x_A & x_B ports) VCCA = 2.5V
A to B
DDC channels enabled
370
ns
TPHL
Propagation delay
B to A
DDC channels enabled
185
ns
A to B
DDC channels enabled
467
ns
TPLH
Propagation delay
B to A
DDC channels enabled
160
ns
TFALL
A port fall time
A-Port
DDC channels enabled
80
ns
TFALL
B port fall time
B-Port
DCC channels enabled
135
ns
TRISE
A port rise time
A-Port
DCC channels enabled
179
ns
TRISE
B port rise time
B-Port
DCC channels enabled
93
ns
FMAX
Maximum switching frequency
DCC channels enabled
400
kHz
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPD5S115


Numéro de pièce similaire - TPD5S115YFFR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD5S116 TI-TPD5S116 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI COMPANION CHIP WITH LEVEL SHIFTING BUFFER 5V LOAD SWITCH AND ESD PROTECTION
TPD5S116YFFR TI-TPD5S116YFFR Datasheet
1Mb / 28P
[Old version datasheet]   HDMI COMPANION CHIP WITH LEVEL SHIFTING BUFFER 5V LOAD SWITCH AND ESD PROTECTION
More results

Description similaire - TPD5S115YFFR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
TPD12S015 TI1-TPD12S015_14 Datasheet
2Mb / 32P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015 TI-TPD12S015 Datasheet
1Mb / 27P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS FOR PORTABLE APPLICATIONS
logo
STMicroelectronics
STOD1412 STMICROELECTRONICS-STOD1412 Datasheet
532Kb / 21P
   Step-up and inverting DC-DC converter
logo
Texas Instruments
TPD5S116 TI-TPD5S116 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI COMPANION CHIP WITH LEVEL SHIFTING BUFFER 5V LOAD SWITCH AND ESD PROTECTION
logo
Linear Integrated Syste...
LT3467AIS6 LINEAR-LT3467AIS6 Datasheet
254Kb / 18P
   1.1A Step-Up DC/DC Converter with
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
   Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com