Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BSDB-4000-1B Fiches technique(PDF) 1 Page - DIOTEC Electronics Corporation

No de pièce BSDB-4000-1B
Description  40 AMP SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DEC [DIOTEC Electronics Corporation]
Site Internet  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

BSDB-4000-1B Fiches technique(HTML) 1 Page - DIOTEC Electronics Corporation

  BSDB-4000-1B Datasheet HTML 1Page - DIOTEC Electronics Corporation BSDB-4000-1B Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
DataSheetNo.BSDB-4000-1B
MECHANICAL SPECIFICATION
40 AMP SILICONBRIDGERECTIFIERS
E47
MAXIMUMRATINGS&ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive loads, derate current by 20%.
TypicalThermalResistance,JunctiontoCase
MinimumInsulationBreakdownVoltage(CircuittoCase)
RGJC
°C/W
Maximum AverageDCReverseCurrent
AtRatedDCBlockingVoltage
IRM
mA
@T =25 C
A
o
@T =125 C
A
o
1
50
2500
1.1
JunctionTemperatureRange
TJ
°C
-55to+150
StorageTemperatureRange
TSTG
-55to+150
3.01 40sdb
0.125 Nom
0.750
19.0
n/a
n/a
n/a
n/a
n/a
n/a
0.200 Typ
1.27 Typ
3.175 Nom
5.08 Typ
28.4
28.7
1.12
1.13
10.3
0.405
0.050 Typ
15.9
0.625
MILLIMETERS
INCHES
MIN
MIN
MAX
MAX
SYM
BL
BW
LD
LL
LM
LO
LS
AverageForwardRectifiedCurrent@T =75 C
C
o
PARAMETER(TESTCONDITIONS)
MaximumDCBlockingVoltage
MaximumPeakRecurrentReverseVoltage
MaximumRMSVoltage
SeriesNumber
IO
VRMS
VRRM
VRM
SYMBOL
SDB
SDB
RATINGS
UNITS
VOLTS
SDB
SDB
SDB
SDB
SDB
50
100
200
400
1000
35
70
140
280
700
40
PeakForwardSurgeCurrent. Single60HzHalf-SineWave
SuperimposedonRatedLoad(JEDECMethod).T =125 C
J
O
ForwardVoltage(PerDiode)at20 AmpsDC
VOLTS
VOLTS
AMPS
VFM
VISO
IFSM
600
1.10
600
800
50
100
200
400
1000
600
800
420
560
4000
4001
4002
4004
4006
4008
4010
Max.
Typ.
1.02
UL RECOGNIZED-FILE#E124962
HEAT
SINK
BL
TOP VIEW
BOTTOMVIEW
612
DIOTEC
BL
LL
LM
LS LS LS
+
_
BW
LO
+
-
AC
LD
Tel.:(310)767-1052Fax:(310)767-7958
DIOTECELECTRONICSCORP.
Gardena,CA 90248U.S.A
18020HobartBlvd.,UnitB
BUILT-INSTRESSRELIEFMECHANISMFOR
SUPERIORRELIABILITY ANDPERFORMANCE
INTEGRALLY MOLDEDHEATSINKPROVIDESVERY
LOWTHERMAL RESISTANCEFORMAXIMUMHEAT
TRANSFER
SPACESAVINGIN-LINEDESIGNFORPRINTED
CIRCUITBOARD APPLICATIONS
VOIDFREEVACUUMDIESOLDERINGFORMAXIMUM
MECHANICAL STRENGTH ANDHEATDISSIPATION
(SolderVoids:Typical<2%,Max.<10%ofDie Area)
MECHANICAL DATA
Max.mountingtorque=20in-lb.
Case:
Terminals:Roundsilverplatedcopperpinsorfast-onterminals
Soldering:PerMIL-STD202Method208guaranteed
Polarity:Markedonsideofcase
MountingPosition: Any.Throughholefor#10screw.
Weight:
Case:Moldedepoxywithintegralheatsink
EpoxycarriesaU/L Flammabilityratingof94V-0
0.55Ounces(16.0Grams)
RoHSCOMPLIANT
SDB4006
R
U
SERIES:SDB4000-SDB4010
HOLEFOR
#10SCREW
(Nom.HoleDia.=0.208")


Numéro de pièce similaire - BSDB-4000-1B

FabricantNo de pièceFiches techniqueDescription
logo
DIOTEC Electronics Corp...
BSDB-5000-1B DEC-BSDB-5000-1B Datasheet
98Kb / 2P
   50 AMP SILICON BRIDGE RECTIFIERS
BSDB-5000-2B DEC-BSDB-5000-2B Datasheet
98Kb / 2P
   50 AMP SILICON BRIDGE RECTIFIERS
More results

Description similaire - BSDB-4000-1B

FabricantNo de pièceFiches techniqueDescription
logo
DIOTEC Electronics Corp...
40SDB DEC-40SDB Datasheet
98Kb / 2P
   40 AMP SILICON BRIDGE RECTIFIERS
SDB4000 DEC-SDB4000 Datasheet
305Kb / 2P
   40 AMP SILICON BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
BR10005 SECOS-BR10005 Datasheet
193Kb / 2P
   AMP Silicon Bridge Rectifiers
logo
DIOTEC Electronics Corp...
SB500 DEC-SB500 Datasheet
318Kb / 2P
   5 AMP SILICON BRIDGE RECTIFIERS
SB400L DEC-SB400L Datasheet
392Kb / 2P
   4 AMP SILICON BRIDGE RECTIFIERS
BRSB-200-1C DEC-BRSB-200-1C Datasheet
342Kb / 2P
   2 AMP SILICON BRIDGE RECTIFIERS
BRHB-600-1C DEC-BRHB-600-1C Datasheet
482Kb / 2P
   6 AMP SILICON BRIDGE RECTIFIERS
DB3500 DEC-DB3500 Datasheet
605Kb / 2P
   35 AMP SILICON BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
EBSA201 SECOS-EBSA201_15 Datasheet
206Kb / 2P
   2.0 Amp Silicon Bridge Rectifiers
TB151S SECOS-TB151S_15 Datasheet
94Kb / 1P
   1.5 Amp Silicon Bridge Rectifiers
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com