Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC104S085CIMM Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce DAC104S085CIMM
Description  10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

DAC104S085CIMM Fiches technique(HTML) 6 Page - Texas Instruments

Back Button DAC104S085CIMM Datasheet HTML 2Page - Texas Instruments DAC104S085CIMM Datasheet HTML 3Page - Texas Instruments DAC104S085CIMM Datasheet HTML 4Page - Texas Instruments DAC104S085CIMM Datasheet HTML 5Page - Texas Instruments DAC104S085CIMM Datasheet HTML 6Page - Texas Instruments DAC104S085CIMM Datasheet HTML 7Page - Texas Instruments DAC104S085CIMM Datasheet HTML 8Page - Texas Instruments DAC104S085CIMM Datasheet HTML 9Page - Texas Instruments DAC104S085CIMM Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
DAC104S085
SNAS362E – MAY 2006 – REVISED OCTOBER 2012
www.ti.com
Electrical Characteristics (continued)
The following specifications apply for VA = +2.7V to +5.5V, VREFIN = VA, CL = 200 pF to GND, fSCLK = 30 MHz, input code
range 12 to 1011. Boldface limits apply for TMIN ≤ TA ≤ TMAX and all other limits are at TA = 25°C, unless otherwise
specified.
Units
Symbol
Parameter
Conditions
Typical(1)
Limits(1)
(Limits)
VA = 2.7V
350
485
µA (max)
to 3.6V
fSCLK = 30 MHz
VA = 4.5V
500
650
µA (max)
to 5.5V
Normal Supply Current (output
IN
unloaded)
VA = 2.7V
330
µA
to 3.6V
fSCLK = 0
VA = 4.5V
460
µA
to 5.5V
VA = 2.7V
0.10
1.0
µA (max)
Power Down Supply Current
to 3.6V
IPD
(output unloaded, SYNC = DIN =
All PD Modes,(2)
VA = 4.5V
0V after PD mode loaded)
0.15
1.0
µA (max)
to 5.5V
VA = 2.7V
1.1
1.7
mW (max)
to 3.6V
fSCLK = 30 MHz
VA = 4.5V
2.5
3.6
mW (max)
to 5.5V
Normal Supply Power (output
PN
unloaded)
VA = 2.7V
1.0
mW
to 3.6V
fSCLK = 0
VA = 4.5V
2.3
mW
to 5.5V
VA = 2.7V
0.3
3.6
µW (max)
Power Down Supply Power (output
to 3.6V
PPD
unloaded, SYNC = DIN = 0V after
All PD Modes,(2)
VA = 4.5V
PD mode loaded)
0.8
5.5
µW (max)
to 5.5V
A.C. and Timing Characteristics
Values shown in this table are design targets and are subject to change before product release.
The following specifications apply for VA = +2.7V to +5.5V, VREFIN = VA, CL = 200 pF to GND, fSCLK = 30 MHz, input code
range 12 to 1011. Boldface limits apply for TMIN ≤ TA ≤ TMAX and all other limits are at TA = 25°C, unless otherwise
specified.
Units
Symbol
Parameter
Conductions
Typical(1)
Limits(1)
(Limits)
fSCLK
SCLK Frequency
40
30
MHz (max)
100h to 300h code change
ts
Output Voltage Settling Time(2)
4.5
6
µs (max)
RL = 2 kΩ, CL = 200 pF
SR
Output Slew Rate
1
V/µs
Glitch Impulse
Code change from 200h to 1FFh
12
nV-sec
Digital Feedthrough
0.5
nV-sec
Digital Crosstalk
1
nV-sec
DAC-to-DAC Crosstalk
3
nV-sec
Multiplying Bandwidth
VREFIN = 2.5V ± 0.1Vpp
160
kHz
VREFIN = 2.5V ± 0.1Vpp
Total Harmonic Distortion
70
dB
input frequency = 10kHz
VA = 3V
6
µsec
tWU
Wake-Up Time
VA = 5V
39
µsec
1/fSCLK
SCLK Cycle Time
25
33
ns (min)
tCH
SCLK High time
7
10
ns (min)
(1)
Typical figures are at TJ = 25°C, and represent most likely parametric norms. Test limits are guaranteed to National's AOQL (Average
Outgoing Quality Level).
(2)
This parameter is guaranteed by design and/or characterization and is not tested in production.
6
Submit Documentation Feedback
Copyright © 2006–2012, Texas Instruments Incorporated
Product Folder Links: DAC104S085


Numéro de pièce similaire - DAC104S085CIMM

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
DAC104S085CIMM NSC-DAC104S085CIMM Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC104S085CIMMX NSC-DAC104S085CIMMX Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
More results

Description similaire - DAC104S085CIMM

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
DAC104S085 NSC-DAC104S085 Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
   8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC102S085 NSC-DAC102S085 Datasheet
821Kb / 18P
   10-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC124S085 TI1-DAC124S085_16 Datasheet
1Mb / 32P
[Old version datasheet]   DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
   8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC102S085 TI1-DAC102S085_16 Datasheet
1Mb / 32P
[Old version datasheet]   DAC102S085 10-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com