Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

7446722004 Fiches technique(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No de pièce 7446722004
Description  COMMON MODE CHOKE WE-LF
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Site Internet  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7446722004 Fiches technique(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7446722004 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bezeichnung :
description :
Gehäuse / case: MH
a
14,5 max
mm
b
23,0 max
mm
c
20,0 ± 0,2
mm
d
12,5 ± 0,2
mm
e
3,0 ± 0,5
mm
ø
0,6 x 0,6 typ
mm
@@FRM 1@@
Eigenschaften /
properties
Wert / value
Einheit / unit
tol.
Leerlauf-Induktivität /
inductance
DC-Widerstand /
DC-resistance
Nennstrom /
nominal current
Nennspannung /
nominal voltage
HasA
Version 4
12-08-07
MST
Version 3
05-11-22
MST
Version 2
05-01-18
MST
Version 1
04-10-11
Name
Änderung / modification
Datum / date
UN
IN
Übertemperatur / temperature rise:
< 55 K
V
D Prüfgeräte / test equipment:
E Testbedingungen / test conditions:
mH
RDC
7446722004
LO
4.2
A Mechanische Abmessungen / dimensions:
10 kHz / 50 mV / 25°C
Klimabeständigkeit/ Climatic Class:
40/125/21
Übertemperatur / temperature rise:
< 55°C
Verguß / molding:
Kunde / customer :
STROMKOMPENSIERTE DROSSEL WE-LF
COMMON MODE CHOKE WE-LF
Artikelnummer / part number :
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2012-08-07
max.
A
Testbedingungen / test
conditions
1.9
0.12
±30%
http://www.we-online.com
Datum / date
..................................................................................
Unterschrift / signature
Kontrolliert / approved
Würth Elektronik eiSos GmbH & Co.KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
..................................................................................
................................................................
C Lötpad / soldering spec.:
B Elektrische Eigenschaften / electrical properties:
Betriebstemp. / operating temperature:
-25°C - +85°C
250
50 Hz
Gehäuse / case:
Draht / wire:
UL94V-0
P155 IEC317-20
HP 34401 A für/for IN und/and RDC
FLUKE PM 6306 für/for L0/LN
Klimabeständigkeit/ climatic class:
40/125/21
Betriebstemp. / operating temperature:
-40°C - + 125°C
It is recommended that the temperature of the part does
not exceed 125°C under worst case operating conditions.
Freigabe erteilt / general release:
Kunde / customer
Würth Elektronik
..................................................................................
F Werkstoffe & Zulassungen / material & approvals:
G Eigenschaften / general specifications:
UL94V-0
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and
reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine,
transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be
informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that
require high safety and reliability functions or performance.
e
LF
SEITE 1 VON 1


Numéro de pièce similaire - 7446722004

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
7446722002 WURTH-7446722002 Datasheet
90Kb / 1P
   COMMON MODE CHOKE WE-LF
7446722007 WURTH-7446722007 Datasheet
90Kb / 1P
   COMMON MODE CHOKE WE-LF
More results

Description similaire - 7446722004

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
7446720047 WURTH-7446720047 Datasheet
90Kb / 1P
   COMMON MODE CHOKE WE-LF
7446721027 WURTH-7446721027 Datasheet
90Kb / 1P
   COMMON MODE CHOKE WE-LF
7446721010 WURTH-7446721010 Datasheet
90Kb / 1P
   COMMON MODE CHOKE WE-LF
7446722007 WURTH-7446722007 Datasheet
90Kb / 1P
   COMMON MODE CHOKE WE-LF
7446722002 WURTH-7446722002 Datasheet
90Kb / 1P
   COMMON MODE CHOKE WE-LF
7446723001 WURTH-7446723001 Datasheet
90Kb / 1P
   COMMON MODE CHOKE WE-LF
744825433 WURTH-744825433 Datasheet
183Kb / 1P
   COMMON MODE CHOKE WE-CMB
744824622 WURTH-744824622 Datasheet
135Kb / 1P
   COMMON MODE CHOKE WE-CMB
7448251201 WURTH-7448251201 Datasheet
128Kb / 1P
   COMMON MODE CHOKE WE-CMB
744822110 WURTH-744822110 Datasheet
131Kb / 1P
   COMMON MODE CHOKE WE-CMB
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com