Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADXL190 Fiches technique(PDF) 2 Page - Analog Devices

No de pièce ADXL190
Description  Low Cost -100 gSingle Axis Accelerometer with Analog Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADXL190 Fiches technique(HTML) 2 Page - Analog Devices

  ADXL190 Datasheet HTML 1Page - Analog Devices ADXL190 Datasheet HTML 2Page - Analog Devices ADXL190 Datasheet HTML 3Page - Analog Devices ADXL190 Datasheet HTML 4Page - Analog Devices ADXL190 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
REV. 0
–2–
ADXL190–SPECIFICATIONS
ADXL190WQC
Parameter
Conditions
Min
Typ
Max
Units
SENSOR INPUT
Dynamic Range
1, 2, 3
Without Zero-g Adjust
±105
g
Alignment Error
±1
Degrees
Nonlinearity
0.2
%
Cross Axis Sensitivity
±2%
SENSITIVITY
Initial
4
Ratiometric
16.5
18.0
19.5
mV/g
Temperature Drift
5
∆ from +25°C
±0.5
%
ZERO g BIAS LEVEL
Initial
2, 3
Ratiometric
2.3
2.5
2.7
V
0 g Offset vs. Temperature
5
∆ from +25°C
1.0
g
Zero g Adjustment Gain
0.45
0.50
0.55
∆V
OUT/
∆V 0 g Adjust
Zero g Adjust Pin Input Impedance
20
30
40
k
NOISE PERFORMANCE
Noise Density
4
12
mg/
√Hz rms
FREQUENCY RESPONSE
3 dB Bandwidth
360
400
Hz
Sensor Resonant Frequency
24
kHz
SELF-TEST
Output Change
6
450
990
mV
Logic “1” Voltage
3.5
V
Logic “0” Voltage
1.0
V
Input Impedance
50
k
ANALOG OUTPUT
Output Voltage Range
IOUT =
±100 µA0.25
VS – 0.25
V
Capacitive Load Drive
1000
pF
POWER SUPPLY
Specified Performance
4.75
5.25
V
Quiescent Supply Current
2.0
5.0
mA
TEMPERATURE RANGE
Specified Performance
–40
+105
°C
NOTES
1Product is tested at
±50 g, and the combination of 0-g error, sensitivity error, and output voltage swing measurements provide the calculations for dynamic range.
20-g is nominally V
S/2. Use of the 0-g adjustment pin is used to null the 0- g error, resulting in increased dynamic range. It can also be used to create an asymmetrical
dynamic range if so desired.
3The output response is ratiometric and is described by the following equation. V
OUT (accel, VS) = [VS/2
±(a V
S/5 V)] + [(accel) (b VS + c VS
2)(1
± 0.08)]
Where a = 0.2 V, b = 2.712
× 10–3 1/g , c = 0.178 × 10–3 1/g/V.
4Measured at 100 Hz,
± 50 g.
5Specification refers to the maximum change in parameter from its initial value at +25
°C to its worst case value at T
MIN or TMAX.
6ST pin Logic “0” to “1”;
∆V
OUT = (
∆V
OUT @ 5 V)
× (V
S/5 V).
All min and max specifications are guaranteed. Typical specifications are not tested or guaranteed.
Specifications subject to change without notice.
(TA = TMIN to TMAX, VS = +5 V, Acceleration = 0 g unless otherwise noted)


Numéro de pièce similaire - ADXL190

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADXL190EM-1 AD-ADXL190EM-1 Datasheet
169Kb / 2P
   ADXL105/ADXL150/ADXL250/ADXL190 Evaluation Modules
REV. C
More results

Description similaire - ADXL190

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MX205Q ETC1-MX205Q Datasheet
246Kb / 8P
   Low Cost, 5.0g, Dual Axis Accelerometer with Analog Outputs
MX210Q ETC1-MX210Q Datasheet
246Kb / 8P
   Low Cost, 10g, Dual Axis Accelerometer with Analog Outputs
logo
VTI technologies
CMA3000-A01 VTI-CMA3000-A01 Datasheet
328Kb / 4P
   3-AXIS LOW POWER ANALOG OUTPUT ACCELEROMETER
logo
List of Unclassifed Man...
MXA2312A ETC1-MXA2312A Datasheet
573Kb / 8P
   Low Cost, 2,-2 g Dual Axis Accelerometer with Analog Outputs
logo
Analog Devices
ADXL202E AD-ADXL202E_15 Datasheet
147Kb / 12P
   Low-Cost 2 g Dual-Axis Accelerometer with Duty Cycle Output
ADXL202E AD-ADXL202E Datasheet
154Kb / 12P
   Low-Cost -2 g Dual-Axis Accelerometer with Duty Cycle Output
REV. A
logo
MEMSIC Semiconductor (T...
MXR7999VW MEMSIC-MXR7999VW Datasheet
367Kb / 6P
   Low Cost Dual-Axis Accelerometer with Ratiometric Outputs
Rev C
MXR7150VW MEMSIC-MXR7150VW Datasheet
257Kb / 6P
   Low Cost Dual-Axis Accelerometer with Rationmetric Outputs
Rev C
MXR7305VF MEMSIC-MXR7305VF Datasheet
121Kb / 6P
   Improved Low Cost 짹5 g Dual-Axis Accelerometer with Ratiometric Analog Outputs
Rev.A
logo
List of Unclassifed Man...
MXR7311GL ETC1-MXR7311GL Datasheet
404Kb / 7P
   Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Analog Outputs
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com