Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADXL05 Fiches technique(PDF) 1 Page - Analog Devices

No de pièce ADXL05
Description  -1 g to -5 g Single Chip Accelerometer with Signal Conditioning
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADXL05 Fiches technique(HTML) 1 Page - Analog Devices

  ADXL05 Datasheet HTML 1Page - Analog Devices ADXL05 Datasheet HTML 2Page - Analog Devices ADXL05 Datasheet HTML 3Page - Analog Devices ADXL05 Datasheet HTML 4Page - Analog Devices ADXL05 Datasheet HTML 5Page - Analog Devices ADXL05 Datasheet HTML 6Page - Analog Devices ADXL05 Datasheet HTML 7Page - Analog Devices ADXL05 Datasheet HTML 8Page - Analog Devices ADXL05 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a 1g to 5g SingleChipAccelerometer
with Signal Conditioning
ADXL05*
FEATURES
5 milli-
g Resolution
Noise Level 12
Less than the ADXL50
User Selectable Full Scale from
1
g to
5
g
Output Scale Selectable from 200 mV/
g to 1 V/g
Complete Acceleration Measurement System on a
Single Chip IC
Self Test on Digital Command
+5 V Single Supply Operation
1000
g Shock Survival
APPLICATIONS
Low Cost Sensor for Vibration Measurement
Tilt Sensing with Faster Response than Electrolytic or
Mercury Sensors
More Sensitive Alarms and Motion Detectors
Affordable Inertial Sensing of Velocity and Position
floor is 500
µg/√Hz, (12× less than the ADXL50), allowing sig-
nals below 5 milli-g to be resolved. The ADXL05 is a force bal-
anced capacitive accelerometer with the capability to measure
both ac accelerations (typical of vibration) or dc accelerations
(such as inertial force or gravity). Three external capacitors and
a +5 volt regulated power supply are all that is required to
measure accelerations up to
±5 g. Three resistors are used to
configure the output buffer amplifier to set scale factors from
200 mV/g to 1 V/g. External capacitors may be added to the
resistor network to provide 1 or 2 poles of filtering. No addi-
tional active components are required to interface directly to
most analog to digital converters (ADCs).
The device features a TTL compatible self-test function that
can electrostatically deflect the sensor beam at any time to verify
that the sensor and its electronics are functioning correctly.
The ADXL05 is available in a hermetic 10-pin TO-100 metal
can, specified over the 0
°C to +70°C commercial, and –40°C to
+85
°C industrial temperature ranges. Contact factory for avail-
ability of automotive grade devices.
*Patents pending.
© Analog Devices, Inc., 1996
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
GENERAL DESCRIPTION
The ADXL05 is a complete acceleration measurement system
on a single monolithic IC. The ADXL05 will measure accelera-
tions with full-scale ranges of
±5 g to ±1 g or less. Typical noise
FUNCTIONAL BLOCK DIAGRAM
SENSOR
REFERENCE
6
9
10
8
3
2
1
5
7
4
DEMODULATOR
BUFFER
AMP
PREAMP
OSCILLATOR
ADXL05
C2
OSCILLATOR
DECOUPLING
CAPACITOR
C3
+5V
DEMODULATOR
CAPACITOR
C1
C1
COM
R1
VPR
VIN–
R3
VREF
OUTPUT
R2
+3.4V
VOUT
SELF-TEST
(ST)
+1.8V


Numéro de pièce similaire - ADXL05

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADXL05 AD-ADXL05_15 Datasheet
227Kb / 20P
   Single Chip Accelerometer with Signal Conditioning
REV. B
More results

Description similaire - ADXL05

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADXL05 AD-ADXL05_15 Datasheet
227Kb / 20P
   Single Chip Accelerometer with Signal Conditioning
REV. B
ADXL105 AD-ADXL105_15 Datasheet
703Kb / 8P
   High Accuracy 1 g to 5 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL50 AD-ADXL50 Datasheet
286Kb / 16P
   Monolithic Accelerometer With Signal Conditioning
REV. B
ADXL50 AD-ADXL50_15 Datasheet
216Kb / 16P
   Monolithic Accelerometer With Signal Conditioning
REV. B
ADXL320 AD-ADXL320 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL105 AD-ADXL105 Datasheet
258Kb / 8P
   High Accuracy 61 g to 65 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
AD22293Z AD-AD22293Z Datasheet
618Kb / 16P
   Precision 짹1.7 g, 짹5 g, 짹18 g Single-/ Dual-Axis iMEMS짰 Accelerometer
REV. D
ADXL320 AD-ADXL320_15 Datasheet
460Kb / 16P
   Small and Thin 5 g iMEMS Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com