Moteur de recherche de fiches techniques de composants électroniques |
|
ADV7197 Fiches technique(PDF) 4 Page - Analog Devices |
|
ADV7197 Fiches technique(HTML) 4 Page - Analog Devices |
4 / 20 page REV. 0 –4– ADV7197–SPECIFICATIONS 5 V DYNAMIC–SPECIFICATIONS Parameter Min Typ Max Unit Luma Bandwidth 13.5 MHz Chroma Bandwidth 6.75 MHz Signal-to-Noise Ratio 64 dB Luma Ramp Unweighted Chroma/Luma Delay Inequality 0 ns Specifications subject to change without notice. 3.3 V DYNAMIC–SPECIFICATIONS Parameter Min Typ Max Unit Luma Bandwidth 13.5 MHz Chroma Bandwidth 6.75 MHz Signal-to-Noise Ratio 64 dB Luma Ramp Unweighted Chroma/Luma Delay Inequality 0 ns Specifications subject to change without notice. 5 V TIMING–SPECIFICATIONS Parameter Min Typ Max Unit Conditions MPU PORT 1 SCLOCK Frequency 10 400 kHz SCLOCK High Pulsewidth, t1 0.6 µs SCLOCK Low Pulsewidth, t2 1.3 µs Hold Time (Start Condition), t3 0.6 µs After This Period the 1st Clock Is Generated Setup Time (Start Condition), t4 0.6 µs Relevant for Repeated Start Condition Data Setup Time, t5 100 ns SDATA, SCLOCK Rise Time, t6 300 ns SDATA, SCLOCK Fall Time, t7 300 ns Setup Time (Stop Condition), t8 0.6 µs RESET Low Time 100 ns ANALOG OUTPUTS Analog Output Delay 2 10 ns Analog Output Skew 0.5 ns CLOCK CONTROL AND PIXEL PORT 3 fCLK 74.25 MHz HDTV Mode tCLK 81 MHz Async Timing Mode Clock High Time, t9 5 1.5 ns Clock Low Time, t10 5 2.0 ns Data Setup Time, t11 2.0 ns Data Hold Time, t12 4.5 ns Control Setup Time, t11 7ns Control Hold Time, t12 4.0 ns Pipeline Delay 16 Clock Cycles For 4:4:4 Pixel Input Format NOTES 1Guaranteed by characterization. 2Output delay measured from the 50% point of the rising edge of CLOCK to the 50% point of DAC output full-scale transition. 3Data: Cb/Cr (9:0), Cr (9:0), Y (9:0); Control: HSYNC/SYNC, VSYNC/TSYNC; DV Specifications subject to change without notice. (VAA = 4.75 V to 5.25 V, VREF = 1.235 V, RSET = 2470 , RLOAD = 300 . All specifications TMIN to TMAX [0 C to 70 C] unless otherwise noted.) (VAA = 3.15 V to 3.45 V, VREF = 1.235 V, RSET = 2470 , RLOAD = 300 . All specifications TMIN to TMAX [0 C to 70 C] unless otherwise noted.) (VAA = 4.75 V to 5.25 V, VREF = 1.235 V, RSET = 2470 , RLOAD = 300 . All specifications TMIN to TMAX [0 C to 70 C] unless otherwise noted.) |
Numéro de pièce similaire - ADV7197 |
|
Description similaire - ADV7197 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |