Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV473 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce ADV473
Description  CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV473 Fiches technique(HTML) 3 Page - Analog Devices

  ADV473 Datasheet HTML 1Page - Analog Devices ADV473 Datasheet HTML 2Page - Analog Devices ADV473 Datasheet HTML 3Page - Analog Devices ADV473 Datasheet HTML 4Page - Analog Devices ADV473 Datasheet HTML 5Page - Analog Devices ADV473 Datasheet HTML 6Page - Analog Devices ADV473 Datasheet HTML 7Page - Analog Devices ADV473 Datasheet HTML 8Page - Analog Devices ADV473 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADV473
–3–
REV. A
TIMING CHARACTERISTICS1
(VAA
2 = 5 V; V
REF = 1.235 V; RL = 37.5
Ω, C
L = 10 pF; RSET = 140
Ω.
All specifications TMIN to TMAX
3 unless otherwise noted.)
135 MHz
110 MHz
80 MHz
66 MHz
Parameter
Version
Version
Version
Version
Units
Conditions/Comments
fmax
135
110
80
66
MHz
Clock Rate
t1
10
10
10
10
ns min
RS0–RS2 Setup Time
t2
10
10
10
10
ns min
RS0–RS2 Hold Time
t3
4
3
3
3
3
ns min
RD
Asserted to Data Bus Driven
t4
4
40
40
40
40
ns max
RD
Asserted to Data Valid
t5
5
20
20
20
20
ns max
RD
Negated to Data Bus 3-Stated
t6
5
5
5
5
5
ns min
Read Data Hold Time
t7
10
10
10
10
ns min
Write Data Setup Time
t8
10
10
10
10
ns min
Write Data Hold Time
t9
100
100
100
100
ns max
CR0–CR3 Delay Time
t10
50
50
50
50
ns min
RD
, WR Pulse Width Low
t11
40
40
40
40
ns min
RD
, WR Pulse Width High
t12
2
3
3
3
ns min
Pixel & Control Setup Time
t13
2
3
3
3
ns min
Pixel & Control Hold Time
t14
7.4
9.1
12.5
15.15
ns min
Clock Cycle Time
t15
3
3.5
4
5
ns min
Clock Pulse Width High Time
t16
2
3
4
5
ns min
Clock Pulse Width Low Time
t17
30
30
30
30
ns max
Analog Output Delay
t18
3
3
3
3
ns typ
Analog Output Rise/Fall Time
t19
6
13
13
13
13
ns max
Analog Output Settling Time
tSK
2
2
2
2
ns max
Analog Output Skew
tPD
4
× t
14
4
× t
14
4
× t
14
4
× t
14
ns
Pipeline Delay
NOTES
1TTL input values are 0 to 3 volts, with input rise/fall times
≤ 3 ns, measured between the 10% and 90% points. Timing reference points at 50% for inputs and
outputs. Analog output load
≤ 10 pF, D0-D7 output load ≤ 50 pF. See timing notes in Figure 2.
2V
AA = 5 V ± 5%.
3Temperature range (T
MIN to TMAX); 0°C to +70°C; TJ (Silicon Junction Temperature) ≤ 100°C .
4t
3 and t4 are measured with the load circuit of Figure 3 and defined as the time required for an output to cross 0.4 V or 2.4 V.
5t
5 and t6 are derived from the measured time taken by the data outputs to change by 0.5 V when loaded with the circuit of Figure 3. The measured number is
then extrapolated back to remove the effects of charging the 50 pF capacitor. This means that the times, t 5 and t6, quoted in the timing characteristics are the
true values for the device and, as such, are independent of external bus loading capacitances.
6Settling time does not include clock and data feedthrough.
Specifications subject to change without notice.
RS0, RS1,
RS2
D0–D7
(READ)
D0–D7
(WRITE)
RD, WR
DATA OUT (RD = 0)
DATA IN (WR = 0)
VALID
CR0–CR3
t
4
t
3
t
1
t
2
t
10
t
5
t
11
t
6
t
8
t
7
t
9
Figure 1. MPU Read/Write Timing
DATA
IOR, IOG, IOB
NOTES
1. OUTPUT DELAY MEASURED FROM THE 50% POINT OF THE RISING EDGE
OF CLOCK TO THE 50% POINT OF FULL-SCALE TRANSITION.
2. SETTLING TIME MEASURED FROM THE 50% POINT OF FULL-SCALE
TRANSITION TO THE OUTPUT REMAINING WITHIN
±1 LSB.
3. OUTPUT RISE/FALL TIME MEASURED BETWEEN THE 10% AND 90%
POINTS OF FULL-SCALE TRANSITION.
CLOCK
R0-R7, G0–G7,
B0–B7,
OL0-OL3, S0–S1,
SYNC, BLANK
t
14
t
16
t
15
t
12
t
19
t
18
t
13
t
17
Figure 2. Video Input/Output Timing
3.2mA
+2.1V
TO
OUTPUT
PIN
50pF
400
µA
Figure 3. Load Circuit for Bus
Access and Relinquish Time


Numéro de pièce similaire - ADV473

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV473 AD-ADV473 Datasheet
204Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV473 AD-ADV473_15 Datasheet
204Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
More results

Description similaire - ADV473

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV473 AD-ADV473_15 Datasheet
204Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV7152 AD-ADV7152_15 Datasheet
335Kb / 32P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. B
ADV7150 AD-ADV7150 Datasheet
447Kb / 36P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
ADV7152 AD-ADV7152 Datasheet
454Kb / 32P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. B
ADV7151 AD-ADV7151 Datasheet
1Mb / 32P
   CMOS 220 MHz Pseudo-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
ADV7151 AD-ADV7151_15 Datasheet
1Mb / 32P
   CMOS 220 MHZ PSEUDO COLOR GRAPHICS TRIPLE 10 BIT VIDEO RAM DAC
REV. A
ADV7160 AD-ADV7160 Datasheet
668Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7160 AD-ADV7160_15 Datasheet
669Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7162 AD-ADV7162_15 Datasheet
669Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com