Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCA715S Fiches technique(PDF) 2 Page - IXYS Corporation

No de pièce LCA715S
Description  Single-Pole, Normally Open 6-Pin OptoMOS Relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCA715S Fiches technique(HTML) 2 Page - IXYS Corporation

  LCA715S Datasheet HTML 1Page - IXYS Corporation LCA715S Datasheet HTML 2Page - IXYS Corporation LCA715S Datasheet HTML 3Page - IXYS Corporation LCA715S Datasheet HTML 4Page - IXYS Corporation LCA715S Datasheet HTML 5Page - IXYS Corporation LCA715S Datasheet HTML 6Page - IXYS Corporation LCA715S Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R06
LCA715
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings @ 25ºC
Electrical Characteristcs @ 25ºC
Parameter
Ratings
Units
Blocking Voltage
60
V
P
Reverse Input Voltage
5
V
Input Control Current
Peak (10ms)
50
mA
1A
Input Power Dissipation
70
mW
Total Power Dissipation 1
800
mW
ESD, Human Body Model
8
kV
Isolation Voltage, Input to Output
3750
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 6.67 mW / ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Load Current
Continuous, AC/DC Configuration
Continuous, Free Air
I
L
-
-
2.2
A
rms / ADC
Continuous, DC Configuration
-
-
4
A
DC
Peak
t<10ms
I
LPK
-
-
±10
A
P
On-Resistance 1
AC/DC Configuration
I
F=5mA, IL=1A
R
ON
-
0.12
0.15
DC Configuration
-
0.038
0.05
Off-State Leakage Current
I
F=0mA, VL=60VP
I
LEAK
--
1
A
Switching Speeds
Turn-On
I
F=5mA, VL=10V
t
on
-
0.7
2.5
ms
Turn-Off
t
off
-
0.115
0.25
ms
Output Capacitance
I
F=0mA, f=1MHz
V
L=10V
C
OUT
-
110
200
pF
V
L=50V
-
60
-
Input Characteristics
Input Control Current to Activate
I
L=1A
I
F
-
0.9
5
mA
Input Control Current to Deactivate
-
I
F
0.4
-
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
--
10
A
Common Characteristics
Input to Output Capacitance
-
C
I/O
-3-
pF
1 Measurement taken within 1 second of on-time.


Numéro de pièce similaire - LCA715S

FabricantNo de pièceFiches techniqueDescription
logo
Clare, Inc.
LCA715S CLARE-LCA715S Datasheet
899Kb / 5P
   Single Pole OptoMOS Relay
LCA715STR CLARE-LCA715STR Datasheet
899Kb / 5P
   Single Pole OptoMOS Relay
More results

Description similaire - LCA715S

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
CPC1393 IXYS-CPC1393 Datasheet
135Kb / 7P
   Single-Pole, Normally Open 4-Pin OptoMOS Relay
CPC1330 IXYS-CPC1330 Datasheet
132Kb / 7P
   Single-Pole, Normally Open 4-Pin OptoMOS Relay
CPC1394 IXYS-CPC1394 Datasheet
136Kb / 7P
   Single-Pole, Normally Open 4-Pin OptoMOS Relay
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
   Single Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
   Single Pole, Normally Open OptoMOS Relay
CPC1390 IXYS-CPC1390 Datasheet
137Kb / 7P
   Single Pole, Normally Open 4-Pin OptoMOS Relay
LCA125L IXYS-LCA125L Datasheet
123Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
LCA129 IXYS-LCA129 Datasheet
105Kb / 5P
   Single-Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com