Moteur de recherche de fiches techniques de composants électroniques |
|
LCA126S Fiches technique(PDF) 1 Page - IXYS Corporation |
|
LCA126S Fiches technique(HTML) 1 Page - IXYS Corporation |
1 / 7 page INTEGRATED CIRCUITS DIVISION www.ixysic.com DS-LCA126-R04 1 LCA126 Single-Pole, Normally Open OptoMOS® Relay e3 Pb Part # Description LCA126 6-Pin DIP (50/Tube) LCA126S 6-Pin Surface Mount (50/Tube) LCA126STR 6-Pin Surface Mount (1,000/Reel) Parameter Ratings Units Blocking Voltage 250 V P Load Current 170 mA rms / mADC On-Resistance (max) 15 Applications Features Description Ordering Information Pin Configuration • Telecommunications • Telecom Switching • Tip/Ring Circuits • Modem Switching (Laptop, Notebook, Pocket Size) • Hook Switch • Dial Pulsing • Ground Start • Ringing Injection • Instrumentation • Multiplexers • Data Acquisition • Electronic Switching • I/O Subsystems • Meters (Watt-Hour, Water, Gas) • Medical Equipment—Patient/Equipment Isolation • Security • Aerospace • Industrial Controls • 3750V rms Input/Output Isolation • Low Drive Power Requirements (TTL/CMOS Compatible) • High Reliability • Arc-Free With No Snubbing Circuits • FCC Compatible • VDE Compatible • No EMI/RFI Generation • Small 6-Pin Package • Machine Insertable, Wave Solderable • Surface Mount Tape & Reel Version Available Switching Characteristics of Normally Open (Form A) Devices Approvals Form-A I F I LOAD 10% 90% t on t off 1 3 2 4 5 6 + Control – Control NC Load Do Not Use Load AC/DC Configuration + Load – Load 1 3 2 4 5 6 + Control – Control NC DC Only Configuration • UL Recognized Component: File E76270 • CSA Certified Component: Certificate 1175739 • EN/IEC 60950-1 Certified Component: TUV Certificate B 09 07 49410 004 The LCA126 is a normally open (1-Form-A) solid state relay, with enhanced on-resistance, that uses optically coupled MOSFET technology to provide 3750V rms of input to output isolation. Its optically coupled outputs, which use the patented OptoMOS architecture, are controlled by a highly efficient GaAIAs infrared LED. Use the LCA126 to replace mechanical relays, and gain the superior reliability associated with semiconductor devices, which, because they have no moving parts, offer faster, bounce-free switching in a compact surface mount or through-hole package. |
Numéro de pièce similaire - LCA126S |
|
Description similaire - LCA126S |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |