Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAA108PTR Fiches technique(PDF) 1 Page - IXYS Corporation

No de pièce LAA108PTR
Description  Dual Single-Pole, Normally Open OptoMOS Relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

LAA108PTR Fiches technique(HTML) 1 Page - IXYS Corporation

  LAA108PTR Datasheet HTML 1Page - IXYS Corporation LAA108PTR Datasheet HTML 2Page - IXYS Corporation LAA108PTR Datasheet HTML 3Page - IXYS Corporation LAA108PTR Datasheet HTML 4Page - IXYS Corporation LAA108PTR Datasheet HTML 5Page - IXYS Corporation LAA108PTR Datasheet HTML 6Page - IXYS Corporation LAA108PTR Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-LAA108-R04
1
LAA108
Dual Single-Pole, Normally Open
OptoMOS® Relay
e3
Pb
Part #
Description
LAA108
8-Pin DIP (50/Tube)
LAA108S
8-Pin Surface Mount (50/Tube)
LAA108STR
8-Pin Surface Mount (1,000/Reel)
LAA108P
8-Pin Flat Pack (50/Tube)
LAA108PTR
8-Pin Flat Pack (1,000/Reel)
Parameter
Ratings
Units
Blocking Voltage
100
V
P
Load Current
300
mA
rms / mADC
On-Resistance (max)
8
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
Switching Characteristics of
Normally Open (Form A) Devices
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
3750V
rms Input/Output Isolation
Low Drive Power Requirements
(TTL/CMOS Compatible)
High Reliability
Arc-Free With No Snubbing Circuits
FCC Compatible
VDE Compatible
No EMI/RFI Generation
Small 8-Pin Package
Machine Insertable, Wave Solderable
Surface Mount Tape & Reel Versions Available
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Medical Equipment-Patient/Equipment Isolation
Security
Aerospace
Industrial Controls
IXYS Integrated Circuits Division's LAA108 is
a 100V, 300mA, 8
 dual single-pole, normally
open (1-Form-A) Solid State Relay that has two
independently controlled, optically coupled outputs.
The output MOSFET switches and photovoltaic die
employ optically coupled MOSFET technology to
provide 3750 V
rms of input-to-output isolation.
The relay outputs, that use patented OptoMOS
architecture, are controlled by a highly efficient
GaAlAS infrared LED.
This dual single-pole OptoMOS relay provides a more
compact design solution than two discrete
single-pole relays in a variety of applications, saving
board space by incorporating both switches in a single
8-Pin package.
UL Certified Component: File E76270
CSA Certified Component: Certificate 1175739
EN/IEC 60950-1 Certified Component:
TUV Certificate B 10 05 49410 006
1
2
3
4
8
7
6
5
+ Control - Switch #1
– Control - Switch #1
+ Control - Switch #2
– Control - Switch #2
Load - Switch #1
Load - Switch #1
Load - Switch #2
Load - Switch #2


Numéro de pièce similaire - LAA108PTR

FabricantNo de pièceFiches techniqueDescription
logo
Clare, Inc.
LAA108PTR CLARE-LAA108PTR Datasheet
135Kb / 6P
   Dual Single-Pole OptoMOS짰 Relay
More results

Description similaire - LAA108PTR

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
LAA127L IXYS-LAA127L_12 Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
XAA170 IXYS-XAA170 Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
XAA117 IXYS-XAA117 Datasheet
134Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
LAA710 IXYS-LAA710_12 Datasheet
122Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
LAA127 IXYS-LAA127_12 Datasheet
134Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
PAA127 IXYS-PAA127 Datasheet
139Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
LAA110 IXYS-LAA110_12 Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
LAA120 IXYS-LAA120_12 Datasheet
134Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
   Single Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com