Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS1ADWG Fiches technique(PDF) 2 Page - Pan Jit International Inc.

No de pièce GS1ADWG
Description  SURFACE MOUNT GENERAL PURPOSE RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GS1ADWG Fiches technique(HTML) 2 Page - Pan Jit International Inc.

  GS1ADWG Datasheet HTML 1Page - Pan Jit International Inc. GS1ADWG Datasheet HTML 2Page - Pan Jit International Inc. GS1ADWG Datasheet HTML 3Page - Pan Jit International Inc. GS1ADWG Datasheet HTML 4Page - Pan Jit International Inc. GS1ADWG Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
February 6,2013-REV.01
GS1ADWG SERIES
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
TC, Case Temperature (°C)
0.01
0.1
1
10
100
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage (%)
TJ = 25°C
TJ = 75°C
TJ = 125°C
TJ = 150°C
Fig.3 Typical Reverse Characteristics
Fig.4 Typical Forward Characteristics
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
1
10
1
10
100
VR, Reverse Bias Voltage (V)
0.01
0.1
1
10
0.2
0.4
0.6
0.8
1
1.2
VF, Forward Voltage (V)
TJ = 125°C
TJ = 150°C
TJ = 25°C
TJ = 75°C


Numéro de pièce similaire - GS1ADWG

FabricantNo de pièceFiches techniqueDescription
logo
Schneider Electric
GS1AD010 SCHNEIDER-GS1AD010 Datasheet
89Kb / 2P
   TeSys GS - NFPA 79 internal handle kit for 5mm shaft
GS1AD10 SCHNEIDER-GS1AD10 Datasheet
97Kb / 2P
   TeSys GS - auxiliary contact support - 30 A
GS1AD10 SCHNEIDER-GS1AD10 Datasheet
109Kb / 2P
   TeSys GS - auxiliary contact support - 30 A
Jun 30, 2022
GS1AD10 SCHNEIDER-GS1AD10_V01 Datasheet
109Kb / 2P
   TeSys GS - auxiliary contact support - 30 A
Jun 30, 2022
More results

Description similaire - GS1ADWG

FabricantNo de pièceFiches techniqueDescription
logo
Central Semiconductor C...
CXR1-04 CENTRAL-CXR1-04 Datasheet
99Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
GS3ABQ YANGJIE-GS3ABQ Datasheet
764Kb / 4P
   Surface Mount General Purpose Rectifier
GS5AQ YANGJIE-GS5AQ Datasheet
215Kb / 4P
   Surface Mount General Purpose Rectifier
GS1A YANGJIE-GS1A Datasheet
360Kb / 4P
   Surface Mount General Purpose Rectifier
logo
Pan Jit International I...
GS1AW PANJIT-GS1AW Datasheet
113Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
G1AQ YANGJIE-G1AQ Datasheet
219Kb / 5P
   Surface Mount General Purpose Rectifier
logo
Pan Jit International I...
GS1AWG PANJIT-GS1AWG Datasheet
117Kb / 5P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
GS1AWZ PANJIT-GS1AWZ Datasheet
109Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
GS2AAQ YANGJIE-GS2AAQ Datasheet
239Kb / 4P
   Surface Mount General Purpose Rectifier
GS8AQ YANGJIE-GS8AQ Datasheet
224Kb / 4P
   Surface Mount General Purpose Rectifier
logo
Pan Jit International I...
GS1GAFC PANJIT-GS1GAFC Datasheet
343Kb / 4P
   Surface Mount General Purpose Rectifier
July 4,2020 GS1GAFC_SERIES-REV.00
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com