Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM208EAR Fiches technique(PDF) 11 Page - Analog Devices

No de pièce ADM208EAR
Description  EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM208EAR Fiches technique(HTML) 11 Page - Analog Devices

Back Button ADM208EAR Datasheet HTML 7Page - Analog Devices ADM208EAR Datasheet HTML 8Page - Analog Devices ADM208EAR Datasheet HTML 9Page - Analog Devices ADM208EAR Datasheet HTML 10Page - Analog Devices ADM208EAR Datasheet HTML 11Page - Analog Devices ADM208EAR Datasheet HTML 12Page - Analog Devices ADM208EAR Datasheet HTML 13Page - Analog Devices ADM208EAR Datasheet HTML 14Page - Analog Devices ADM208EAR Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADM206E/ADM207E/ADM208E/ADM211E/ADM213E
REV. B
–11–
R1
R2
C1
DEVICE
UNDER TEST
HIGH
VOLTAGE
GENERATOR
ESD TEST METHOD
R2
C1
H. BODY MIL-STD883B
1.5k
100pF
IEC1000-4-2
330
150pF
Figure 25. ESD Test Standards
100
90
36.8
10
tDL
tRL
TIME t
Figure 26. Human Body Model ESD Current Waveform
100
90
10
TIME t
30ns
60ns
0.1 TO 1ns
Figure 27. IEC1000-4-2 ESD Current Waveform
The ADM2xxE family of products are tested using both the
above mentioned test methods. All pins are tested with respect
to all other pins as per the MIL-STD-883B specification. In
addition all I-O pins are tested as per the IEC test specification.
The products were tested under the following conditions:
(a) Power-On—Normal Operation
(b) Power-On—Shutdown Mode
(c) Power-Off
There are four levels of compliance defined by IEC1000-4-2.
The ADM2xxE family of products meet the most stringent
compliance level for both contact and for air-gap discharge. This
means that the products are able to withstand contact discharges in
excess of 8 kV and air-gap discharges in excess of 15 kV.
Table IV. IEC1000-4-2 Compliance Levels
Contact Discharge
Air Discharge
Level
kV
kV
12
2
24
4
36
8
48
15
Table V. ADM2xxE ESD Test Results
ESD Test Method
I-O Pins
Other Pins
MIL-STD-883B
±15 kV
±2.5 kV
IEC1000-4-2
Contact
±8 kV
Air
±15 kV
FAST TRANSIENT BURST TESTING (IEC1000-4-4)
IEC1000-4-4 (previously 801-4) covers electrical fast-transient/
burst (EFT) immunity. Electrical fast transients occur as a
result of arcing contacts in switches and relays. The tests simu-
late the interference generated when for example a power relay
disconnects an inductive load. A spark is generated due to the
well known back EMF effect. In fact the spark consists of a
burst of sparks as the relay contacts separate. The voltage appear-
ing on the line, therefore, consists of a bust of extremely fast tran-
sient impulses. A similar effect occurs when switching on
fluorescent lights.
The fast transient burst test defined in IEC1000-4-4 simulates
this arcing and its waveform is illustrated in Figure 28. It con-
sists of a burst of 2.5 kHz to 5 kHz transients repeating at
300 ms intervals. It is specified for both power and data lines.
300ms
15ms
t
V
5ns
0.2/0.4ms
50ns
V
t
Figure 28. IEC1000-4-4 Fast Transient Waveform


Numéro de pièce similaire - ADM208EAR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM208EAR AD-ADM208EAR Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM208EAR AD-ADM208EAR Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM208EAR-REEL AD-ADM208EAR-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM208EAR-REEL AD-ADM208EAR-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM208EARS AD-ADM208EARS Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
More results

Description similaire - ADM208EAR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM202E AD-ADM202E Datasheet
163Kb / 12P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. 0
ADM202E AD-ADM202E_V01 Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM2023E AD-ADM2023E Datasheet
254Kb / 16P
   EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
REV. C
ADM213EARZ-REEL AD-ADM213EARZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM206E AD-ADM206E_06 Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ-REEL AD-ADM213EARSZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ AD-ADM213EARSZ Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM2209E AD-ADM2209E Datasheet
142Kb / 12P
   EMI-/EMC-Compliant -15 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
ADM2209EARUZ AD-ADM2209EARUZ Datasheet
146Kb / 12P
   EMI-/EMC-Compliant 615 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com