Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST450RAB394JLZ Fiches technique(PDF) 1 Page - Coilcraft lnc.

No de pièce ST450RAB394JLZ
Description  Chip Inductors for Critical Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COILCRAFT [Coilcraft lnc.]
Site Internet  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ST450RAB394JLZ Fiches technique(HTML) 1 Page - Coilcraft lnc.

  ST450RAB394JLZ Datasheet HTML 1Page - Coilcraft lnc. ST450RAB394JLZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
1812 CHIP INDUCTORS
Inductance2
L test
Percent
Q
Q test
SRF min4
DCR max5
Imax
Part number1
(µH)
freq (MHz)
tolerance
min3
freq (MHz)
(MHz)
(Ohms)
(mA)
ST450RAB123JLZ
12
2.5
5
22
0.79
55
2.0
280
ST450RAB153JLZ
15
2.5
5
22
0.79
45
2.5
260
ST450RAB183JLZ
18
2.5
5
24
0.79
37
2.8
240
ST450RAB223JLZ
22
2.5
5
20
0.79
32
3.2
210
ST450RAB273JLZ
27
2.5
5
24
0.79
27
3.6
200
ST450RAB333JLZ
33
2.5
5
22
0.79
23
4.0
190
ST450RAB393JLZ
39
2.5
5
20
0.79
19
4.5
185
ST450RAB473JLZ
47
2.5
5
24
0.79
16
5.0
180
ST450RAB563JLZ
56
2.5
5
22
0.79
13
5.5
170
ST450RAB683JLZ
68
2.5
5
24
0.79
10
6.0
150
ST450RAB823JLZ
82
2.5
5
24
0.79
9.0
7.0
135
ST450RAB104JLZ
100
2.5
5
24
0.79
8.5
8.0
135
ST450RAB124JLZ
120
0.79
5
25
0.79
8.5
11.5
110
ST450RAB154JLZ
150
0.79
5
23
0.79
8.5
13.0
100
ST450RAB184JLZ
180
0.79
5
24
0.79
8.0
14.2
85
ST450RAB224JLZ
220
0.79
5
23
0.79
6.0
16.2
80
ST450RAB274JLZ
270
0.79
5
23
0.79
5.0
20.5
75
ST450RAB334JLZ
330
0.79
5
24
0.79
4.5
22.5
70
ST450RAB394JLZ
390
0.79
5
14
0.25
3.5
24.5
65
ST450RAB474JLZ
470
0.79
5
15
0.25
3.0
26.5
65
ST450RAB564JLZ
560
0.79
5
13
0.25
2.0
28.5
65
ST450RAB684JLZ
680
0.79
5
13
0.25
1.9
38.5
60
ST450RAB824JLZ
820
0.79
5
13
0.25
1.6
41.0
50
ST450RAB105JLZ
1000
0.79
5
15
0.25
1.5
44.0
50
1. When ordering, please specify
termination and testing codes:
ST450RAB105JLZ
Termination: L = RoHS compliant silver-palladium-platinum glass frit.
Special order:
R = Tin over nickel over silver-platinum-glass frit.
S = Tin-lead (63/37) over silver-platinum-glass frit.
T = Tin-silver-copper (95.5/4/0.5) over silver-platinum-
glass frit.
P = Tin-lead (63/37) over tin over nickel over silver-plati-
num-glass frit.
Q= Tin-silver-copper (95.5/4/0.5) over tin over nickel
over silver-platinum-glass frit.
Testing:
Z = COTS
H = Screening per Coilcraft CP-SA-10001
2. Inductance at 2.5 MHz measured using an Agilent/HP 4286A or
equivalent and a Coilcraft SMD-A fixture with Coilcraft-provided cor-
relation pieces. Inductance at 0.79 MHz measured using an Agilent/HP
4192A or equivalent and Coilcraft SMD-B test fixture.
3. Q read at test frequency directly on an Agilent/HP 4395A impedance
analyzer and an Agilent/HP 16193A test fixture or equivalents.
4. SRF measured using an Agilent/HP 8753D network analyzer or
equivalent and a Coilcraft SMD-D test fixture.
5. DCR measured on a Cambridge Technology micro-ohmmeter or equivalent.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Core material Ferrite
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Ambient temperature –40°C to +85°C with Imax current, +85°C to
+100°C with derated current
Storage temperature Component: –55°C to +100°C.
Tape and reel packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +200 to +700 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Packaging 600 per 7
″ reel Plastic tape: 12 mm wide,
0.3 mm thick, 8 mm pocket spacing, 3.7 mm pocket depth
ChipInductorsforCriticalApplicationsST450RAB
With inductance values up to 1000 µH, these are our
highest inductance chip inductors.Their ferrite core allows
higher current ratings and lower DC resistance.
Document ST106-1 Revised 10/14/11


Numéro de pièce similaire - ST450RAB394JLZ

FabricantNo de pièceFiches techniqueDescription
logo
Coilcraft lnc.
ST450RAA COILCRAFT-ST450RAA Datasheet
173Kb / 2P
   Chip Inductors for Critical Applications
ST450RAA102JLZ COILCRAFT-ST450RAA102JLZ Datasheet
173Kb / 2P
   Chip Inductors for Critical Applications
ST450RAA122JLZ COILCRAFT-ST450RAA122JLZ Datasheet
173Kb / 2P
   Chip Inductors for Critical Applications
ST450RAA152_LZ COILCRAFT-ST450RAA152_LZ Datasheet
173Kb / 2P
   Chip Inductors for Critical Applications
ST450RAA182JLZ COILCRAFT-ST450RAA182JLZ Datasheet
173Kb / 2P
   Chip Inductors for Critical Applications
More results

Description similaire - ST450RAB394JLZ

FabricantNo de pièceFiches techniqueDescription
logo
Coilcraft lnc.
ST413RAE COILCRAFT-ST413RAE Datasheet
186Kb / 2P
   Chip Inductors for Critical Applications
ST413RAA COILCRAFT-ST413RAA Datasheet
229Kb / 2P
   Chip Inductors for Critical Applications
ST413RAD COILCRAFT-ST413RAD Datasheet
176Kb / 2P
   Chip Inductors for Critical Applications
ST413RAM COILCRAFT-ST413RAM Datasheet
187Kb / 2P
   Chip Inductors for Critical Applications
ST312RAG COILCRAFT-ST312RAG Datasheet
188Kb / 2P
   Chip Inductors for Critical Applications
ST312RAM COILCRAFT-ST312RAM Datasheet
201Kb / 2P
   Chip Inductors for Critical Applications
ST336RAM COILCRAFT-ST336RAM Datasheet
203Kb / 2P
   Chip Inductors for Critical Applications
ST235RAA COILCRAFT-ST235RAA Datasheet
183Kb / 2P
   Chip Inductors for Critical Applications
ST235RAG COILCRAFT-ST235RAG Datasheet
176Kb / 2P
   Chip Inductors for Critical Applications
ST319RAD COILCRAFT-ST319RAD Datasheet
170Kb / 2P
   Chip Inductors for Critical Applications
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com