Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST512PJD473MLZ Fiches technique(PDF) 3 Page - Coilcraft lnc.

No de pièce ST512PJD473MLZ
Description  Coupled Inductors for Critical Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COILCRAFT [Coilcraft lnc.]
Site Internet  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ST512PJD473MLZ Fiches technique(HTML) 3 Page - Coilcraft lnc.

  ST512PJD473MLZ Datasheet HTML 1Page - Coilcraft lnc. ST512PJD473MLZ Datasheet HTML 2Page - Coilcraft lnc. ST512PJD473MLZ Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
Document ST833-3 Revised 11/07/12
ST512PJDSeriesCoupledInductors
6235 COUPLED InDUCtOrs
L vs Current
Typical Current Derating
L vs Frequency
1
10
100
1000
10000
0.1
1
100
10
Frequency (MHz)
1000 µH
1500 µH
2000 µH
6.8 µH
47 µH
470 µH
22 µH
10 µH
1000 µH
6.8 µH
47 µH
22 µH
10 µH
2000 µH
1500 µH
470 µH
1
10
100
1000
10000
0.01
0.1
10
1
Current (A)
-40 -20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Isat
Irms


Numéro de pièce similaire - ST512PJD473MLZ

FabricantNo de pièceFiches techniqueDescription
logo
Sangdest Microelectroni...
ST5120 SMC-ST5120 Datasheet
152Kb / 7P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
ST5120 SMCDIODE-ST5120 Datasheet
379Kb / 6P
   SCHOTTKY RECTIFIER
Rev. A
More results

Description similaire - ST512PJD473MLZ

FabricantNo de pièceFiches techniqueDescription
logo
Coilcraft lnc.
ST466PJD COILCRAFT-ST466PJD Datasheet
377Kb / 3P
   Coupled Inductors for Critical Applications
ST450PHD COILCRAFT-ST450PHD Datasheet
383Kb / 2P
   Coupled Inductors for Critical Applications
ST526PND COILCRAFT-ST526PND Datasheet
317Kb / 3P
   Coupled Inductors for Critical Applications
ST413RAE COILCRAFT-ST413RAE Datasheet
186Kb / 2P
   Chip Inductors for Critical Applications
ST413RAA COILCRAFT-ST413RAA Datasheet
229Kb / 2P
   Chip Inductors for Critical Applications
ST413RAD COILCRAFT-ST413RAD Datasheet
176Kb / 2P
   Chip Inductors for Critical Applications
ST413RAM COILCRAFT-ST413RAM Datasheet
187Kb / 2P
   Chip Inductors for Critical Applications
ST450RAB COILCRAFT-ST450RAB Datasheet
178Kb / 2P
   Chip Inductors for Critical Applications
ST312RAG COILCRAFT-ST312RAG Datasheet
188Kb / 2P
   Chip Inductors for Critical Applications
ST312RAM COILCRAFT-ST312RAM Datasheet
201Kb / 2P
   Chip Inductors for Critical Applications
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com