Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MJE800T Fiches technique(PDF) 4 Page - Motorola, Inc

No de pièce MJE800T
Description  4.0 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 40 WATT 50 WATT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJE800T Fiches technique(HTML) 4 Page - Motorola, Inc

  MJE800T Datasheet HTML 1Page - Motorola, Inc MJE800T Datasheet HTML 2Page - Motorola, Inc MJE800T Datasheet HTML 3Page - Motorola, Inc MJE800T Datasheet HTML 4Page - Motorola, Inc MJE800T Datasheet HTML 5Page - Motorola, Inc MJE800T Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MJE700,T MJE702 MJE703 MJE800,T MJE802 MJE803
4
Motorola Bipolar Power Transistor Device Data
IC, COLLECTOR CURRENT (AMP)
PNP
MJE700, T Series
NPN
MJE800, T Series
Figure 10. DC Current Gain
Figure 11. Collector Saturation Region
Figure 12. “On” Voltages
0.04
IC, COLLECTOR CURRENT (AMP)
300
0.06
0.2
2.0 k
800
4.0 k
VCE = 3.0 V
TJ = 125°C
3.0 k
0.1
0.6
25
°C
– 55
°C
1.0 k
0.4
1.0
6.0 k
400
600
2.0
4.0
0.04
300
0.06
0.2
2.0 k
800
4.0 k
3.0 k
0.1
0.6
1.0 k
0.4
1.0
6.0 k
400
600
2.0
4.0
3.4
IB, BASE CURRENT (mA)
2.6
2.2
1.8
1.4
0.6
0.1
0.2
0.5
10
2.0
5.0
IC =
0.5 A
1.0 A
1.0
TJ = 25°C
3.0
1.0
0.04
IC, COLLECTOR CURRENT (AMP)
1.4
1.0
2.2
1.8
0.6
0.2
0.06
0.2
2.0
0.1
0.6
0.4
1.0
4.0
0.04
IC, COLLECTOR CURRENT (AMP)
1.4
1.0
2.2
1.8
0.6
0.2
0.06
0.2
2.0
0.1
0.6
0.4
1.0
4.0
20
50
100
3.4
IB, BASE CURRENT (mA)
2.6
2.2
1.8
1.4
0.6
0.1
0.2
0.5
10
2.0
5.0
1.0
3.0
1.0
20
50
100
VBE(sat) @ IC/IB = 250
VBE @ VCE = 3.0 V
VCE(sat) @ IC/IB = 250
2.0 A
4.0 A
TJ = 25°C
VCE = 3.0 V
TJ = 125°C
25
°C
– 55
°C
IC =
0.5 A
1.0 A
TJ = 25°C
2.0 A
4.0 A
VBE(sat) @ IC/IB = 250
VBE @ VCE = 3.0 V
VCE(sat) @ IC/IB = 250
TJ = 25°C


Numéro de pièce similaire - MJE800T

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
MJE800T MOSPEC-MJE800T Datasheet
194Kb / 4P
   POWER TRANSISTORS(4.0A,60-80V,40W)
logo
ON Semiconductor
MJE800T ONSEMI-MJE800T Datasheet
256Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY
1995 REV 3
logo
Inchange Semiconductor ...
MJE800T ISC-MJE800T Datasheet
250Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
New Jersey Semi-Conduct...
MJE800T NJSEMI-MJE800T Datasheet
81Kb / 2P
   Plastic Darlington Complementary Silicon Power Transistors
More results

Description similaire - MJE800T

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MJE700 ONSEMI-MJE700_06 Datasheet
84Kb / 6P
   4.0 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 40 WATT 50 WATT
February, 2006 ??Rev. 8
logo
Motorola, Inc
TIP100 MOTOROLA-TIP100 Datasheet
218Kb / 6P
   DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
TIP120 MOTOROLA-TIP120 Datasheet
251Kb / 6P
   DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
MJ2501 ETC1-MJ2501 Datasheet
485Kb / 4P
   10 Ampere Darlington Power Transistors Complementary Silicon
logo
Motorola, Inc
TIP140 MOTOROLA-TIP140 Datasheet
234Kb / 6P
   10 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
TIP110 MOTOROLA-TIP110 Datasheet
269Kb / 6P
   DARLINGTON 2 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
D45C MOTOROLA-D45C Datasheet
94Kb / 4P
   4.0 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS
MJ11028 MOTOROLA-MJ11028 Datasheet
153Kb / 4P
   50 AMPERE COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS 60.120 VOLTS 300 WATTS
logo
ON Semiconductor
MJH11017 ONSEMI-MJH11017_06 Datasheet
86Kb / 6P
   15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150??50 VOLTS, 150 WATTS
July, 2006 ??Rev. 6
MPSW45 ONSEMI-MPSW45 Datasheet
228Kb / 6P
   One Watt Darlington Transistors(NPN Silicon)
1996
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com