Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF4117BRU Fiches technique(PDF) 5 Page - Analog Devices

No de pièce ADF4117BRU
Description  RF PLL Frequency Synthesizers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADF4117BRU Fiches technique(HTML) 5 Page - Analog Devices

  ADF4117BRU Datasheet HTML 1Page - Analog Devices ADF4117BRU Datasheet HTML 2Page - Analog Devices ADF4117BRU Datasheet HTML 3Page - Analog Devices ADF4117BRU Datasheet HTML 4Page - Analog Devices ADF4117BRU Datasheet HTML 5Page - Analog Devices ADF4117BRU Datasheet HTML 6Page - Analog Devices ADF4117BRU Datasheet HTML 7Page - Analog Devices ADF4117BRU Datasheet HTML 8Page - Analog Devices ADF4117BRU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADF4116/ADF4117/ADF4118
–5–
REV. 0
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Function
1FLO
Fast Lock Switch Output. This can be used to switch an external resistor to change the loop filter band-
width. This will speed up locking of the PLL.
2
CP
Charge Pump Output. When enabled, this provides the
±I
CP to the external loop filter, which in turn drives
the external VCO.
3
CPGND
Charge Pump Ground. This is the ground return path for the charge pump.
4
AGND
Analog Ground. This is the ground return path for the prescaler.
5RFINB
Complementary Input to the RF Prescaler. This point should be decoupled to the ground plane with a
small bypass capacitor, typically 100 pF. See Figure 22.
6RFINA
Input to the RF Prescaler. This small signal input is normally ac-coupled from the VCO.
7AVDD
Analog Power Supply. This may range from 2.7 V to 5.5 V. Decoupling capacitors to the analog ground
plane should be placed as close as possible to this pin. AVDD must be the same value as DVDD.
8
REFIN
Reference Input. This is a CMOS input with a nominal threshold of VDD/2 and an equivalent input
resistance of 100 k
Ω. See Figure 21. The oscillator input can be driven from a TTL or CMOS crystal
oscillator or it can be ac-coupled.
9
DGND
Digital Ground.
10
CE
Chip Enable. A logic low on this pin powers down the device and puts the charge pump output into three-
state mode. Taking the pin high will power up the device depending on the status of the power-down bit F2.
11
CLK
Serial Clock Input. This serial clock is used to clock in the serial data to the registers. The data is latched into
the 21-bit shift register on the CLK rising edge. This input is a high impedance CMOS input.
12
DATA
Serial Data Input. The serial data is loaded MSB first with the two LSBs being the control bits. This
input is a high impedance CMOS input.
13
LE
Load Enable, CMOS Input. When LE goes high, the data stored in the shift registers is loaded into one
of the four latches, the latch being selected using the control bits.
14
MUXOUT
This multiplexer output allows either the Lock Detect, the scaled RF or the scaled Reference Frequency
to be accessed externally.
15
DVDD
Digital Power Supply. This may range from 2.7 V to 5.5 V. Decoupling capacitors to the digital ground
plane should be placed as close as possible to this pin. DVDD must be the same value as AVDD.
16
VP
Charge Pump Power Supply. This should be greater than or equal to VDD. In systems where VDD is 3 V,
it can be set to 5 V and used to drive a VCO with a tuning range of up to 6 V.
PIN CONFIGURATIONS
TSSOP
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
FLO
VP
ADF4116
ADF4117
ADF4118
CP
DVDD
CPGND
MUXOUT
AGND
LE
RFINB
DATA
RFINA
CLK
AVDD
CE
REFIN
DGND
Chip Scale Package
TOP VIEW
(Not to Scale)
CPGND
AGND
AGND
RFINB
RFINA
MUXOUT
LE
DATA
CLK
CE
ADF4116
ADF4117
ADF4118
1
2
3
4
5
15
14
13
12
11


Numéro de pièce similaire - ADF4117BRU

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4117BRU AD-ADF4117BRU Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
Rev. D
ADF4117BRU AD-ADF4117BRU Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
ADF4117BRU-REEL AD-ADF4117BRU-REEL Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
Rev. D
ADF4117BRU-REEL7 AD-ADF4117BRU-REEL7 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
Rev. D
ADF4117BRUZ-RL1 AD-ADF4117BRUZ-RL1 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
Rev. D
More results

Description similaire - ADF4117BRU

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
   RF PLL Frequency Synthesizers
REV. 0
ADF4110 AD-ADF4110_13 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4113 AD-ADF4113_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4118 AD-ADF4118_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
EVAL-ADF4113EBZ1 AD-EVAL-ADF4113EBZ1 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_07 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
Rev. D
ADF4110 AD-ADF4110_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4112 AD-ADF4112_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com