Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADDC02815DA Fiches technique(PDF) 11 Page - Analog Devices

No de pièce ADDC02815DA
Description  28 V/100 W DC/DC Converters with Integral EMI Filter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADDC02815DA Fiches technique(HTML) 11 Page - Analog Devices

Back Button ADDC02815DA Datasheet HTML 7Page - Analog Devices ADDC02815DA Datasheet HTML 8Page - Analog Devices ADDC02815DA Datasheet HTML 9Page - Analog Devices ADDC02815DA Datasheet HTML 10Page - Analog Devices ADDC02815DA Datasheet HTML 11Page - Analog Devices ADDC02815DA Datasheet HTML 12Page - Analog Devices ADDC02815DA Datasheet HTML 13Page - Analog Devices ADDC02815DA Datasheet HTML 14Page - Analog Devices ADDC02815DA Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADDC02812DA/ADDC02815DA
REV. A
–11–
Input Voltage Transient Protection: The converters have a
transient voltage suppressor connected across their input leads
to protect the units against high voltage pulses (both positive
and negative) of short duration. With the power supply con-
nected in the typical system setup shown in Figure 17, a tran-
sient voltage pulse is created across the converter in the
following manner. A 20
µF capacitor is first charged to 400 V.
It is then connected directly across the converter’s end of the
two meter power lead cable through a 2
Ω on-state resistance
MOSFET. The duration of this connection is 10
µs. The pulse
is repeated every second for 30 minutes. This test is repeated
with the connection of the 20
µF capacitor reversed to create a
negative pulse on the supply leads. (If continuous reverse volt-
age protection is required, a diode can be added externally in
series at the expense of lower efficiency for the power system.)
The converter responds to this input transient voltage test by
shutting down due to its input overvoltage protection feature.
Once the pulse is over, the converter initiates a soft-start, which
is completed before the next pulse. No degradation of converter
performance occurs.
THERMAL CHARACTERISTICS
Junction and Case Temperatures: It is important for the
user to know how hot the hottest semiconductor junctions
within the converter get and to understand the relationship
between junction, case, and ambient temperatures. The hottest
semiconductors in the 100 W product line of Analog Devices’
high density power supplies are the switching MOSFETs and
the output rectifiers. There is an area inside the main power
transformers that is hotter than these semiconductors, but it is
within NAVMAT guidelines and well below the Curie tempera-
ture of the ferrite. (The Curie temperature is the point at which
the ferrite begins to lose its magnetic properties.)
Since NAVMAT guidelines require that the maximum junction
temperature be 110
°C, the power supply manufacturer must
specify the temperature rise above the case for the hottest semi-
conductors so the user can determine what case temperature is
required to meet NAVMAT guidelines. The thermal charac-
teristics section of the specification table states the hottest junc-
tion temperature for maximum output power at a specified case
temperature. The unit can operate to higher case temperatures
than 90
°C, but 90°C is the maximum temperature that permits
NAVMAT guidelines to be met.
Case and Ambient Temperatures: It is the user’s responsi-
bility to properly heat sink the power supply in order to maintain
the appropriate case temperature and, in turn, the maximum
junction temperature. Maintaining the appropriate case tem-
perature is a function of the ambient temperature and the
mechanical heat removal system. The static relationship of
these variables is established by the following formula:
TC = TA + (PD × Rθ
CA
)
where
TC = case temperature measured at the center of the package
bottom,
TA = ambient temperature of the air available for cooling,
PD = the power, in watts, dissipated in the power supply,
Rθ
CA =
the thermal resistance from the center of the package
to free air, or case to ambient.
The power dissipated in the power supply, PD, can be calculated
from the efficiency, h, given in the data sheets and the actual
output power, PO, in the user’s application by the following
formula:
P
D = PO
1
η –1


For example, at 80 W of output power and 80% efficiency, the
power dissipated in the power supply is 20 W. If under these
conditions, the user wants to maintain NAVMAT deratings
(i.e., a case temperature of approximately 90
°C) with an ambi-
ent temperature of 75
°C, the required thermal resistance, case
to ambient, can be calculated as
90 = 75 + (20
× Rθ
CA
) or Rθ
CA
= 0.75
°C/W
This thermal resistance, case to ambient, will determine what
kind of heat sink and whether convection cooling or forced air
cooling is required to meet the constraints of the system.
SYSTEM INSTABILITY CONSIDERATIONS
In a distributed power supply architecture, a power source
provides power to many “point-of-load” (POL) converters. At
low frequencies, the POL converters appear incrementally as
negative resistance loads. This negative resistance could cause
system instability problems.


Numéro de pièce similaire - ADDC02815DA

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADDC02815DA AD-ADDC02815DA_15 Datasheet
191Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. 0
More results

Description similaire - ADDC02815DA

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADDC02812DA AD-ADDC02812DA_15 Datasheet
191Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. 0
ADDC02815DA AD-ADDC02815DA_15 Datasheet
191Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. 0
ADDC02803SC AD-ADDC02803SC Datasheet
241Kb / 18P
   28 V/66 W/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02803SC AD-ADDC02803SC_15 Datasheet
6Mb / 18P
   28 V 66 W 100 W DC/DC CONVERTERS WITH INTEGRAL EMI FILTER
REV. A
ADDC02828SA AD-ADDC02828SA Datasheet
204Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02805S AD-ADDC02805S_15 Datasheet
186Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. A
ADDC02828SA AD-ADDC02828SA_15 Datasheet
183Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02808PB AD-ADDC02808PB_15 Datasheet
471Kb / 20P
   28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02808PB AD-ADDC02808PB Datasheet
287Kb / 20P
   28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
REV. A
logo
VPT, Inc.
DVETR2800D VPT-DVETR2800D Datasheet
1,001Kb / 17P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS WITH INTEGRAL EMI FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com