Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CX90240 Fiches technique(PDF) 2 Page - Synaptics Incorporated.

No de pièce CX90240
Description  V.22bis Modem with 4th Generation SmartDAA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CONEXANT [Synaptics Incorporated.]
Site Internet  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX90240 Fiches technique(HTML) 2 Page - Synaptics Incorporated.

  CX90240 Datasheet HTML 1Page - Synaptics Incorporated. CX90240 Datasheet HTML 2Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2007 Conexant Systems, Inc. All Rights Reserved. Conexant and the Conexant
logo are registered trademarks of Conexant Systems, Inc. All other trademarks
are owned by their respective owners. Although Conexant strives for accuracy
in all its publications, this material may contain errors or omissions and is
subject to change without notice. ThiS MATEriAl iS ProviDED AS iS AND wiThoUT
ANy ExPrESS or iMPliED wArrANTiES, iNclUDiNg MErchANTAbiliTy, fiTNESS for A
PArTicUlAr PUrPoSE AND NoN-iNfriNgEMENT.
Conexant shall not be liable for any
special, indirect, incidental or consequential damages as a result of its use.
Ordering Information
Marketing Name
Modem
SmartDAA®
ordering Number
V.22bis Modem
CX90240
CX20548-11Z
DS22-CSM-11Z
Evaluation Board
RD02-D390-5xx
Data Sheet and Design Guide
Doc# 201394
AT Command Manual
Doc# 102000
Serial
Interface
DTE/Host
Inerface
MCU/DSP
SmartDAA
Interface
Digital
Isolation
Barrier (DIB)
Telephone
Line
Interface
Codec
Line Side
DIB
Interface
(LSDI)
CX90240 Modem
28-Pin QFN
CX20548
SmartDAA 4
Line Side Device (LSD)
16-Pin QFN
DAA Hardware
Telephone
Line
Tip
Ring
RAM
ROM
28.224 MHz
or
27.000 MHz
Crystal or Clock
Source
Optional
NVRAM
External
Discrete
Components
CX90240 V.222bis Modem Simplified Interface
07-2715
Embedded Dial-Up Modems
V.22bis Applications
www.conexant.com
General Information:
U.S. and Canada: (888) 855-4562
International: 1+ (949) 483-3000
Headquarters
4000 MacArthur Blvd.
Newport Beach, CA 92660
Doc# PBR-201395
Conexant Product Portfolio
The company’s broad portfolio of semiconductor products also includes client-side DSL, cable, and dial-up modem solutions; fiber optic system-on-
chips; broadcast video encoders and decoders; and digital set-top box components and systems solutions. Additional products include a complete line
of asymmetric and symmetric DSL central office solutions, which are used by service providers worldwide to deliver broadband data, voice, and video
over copper telephone lines.


Numéro de pièce similaire - CX90240

FabricantNo de pièceFiches techniqueDescription
logo
Beckhoff Automation Gmb...
CX9020 BECKHOFF-CX9020 Datasheet
174Kb / 4P
   Basic CPU module
CX9020-0100 BECKHOFF-CX9020-0100 Datasheet
174Kb / 4P
   Basic CPU module
CX9020-0110 BECKHOFF-CX9020-0110 Datasheet
174Kb / 4P
   Basic CPU module
CX9020-0111 BECKHOFF-CX9020-0111 Datasheet
174Kb / 4P
   Basic CPU module
CX9020-0112 BECKHOFF-CX9020-0112 Datasheet
174Kb / 4P
   Basic CPU module
More results

Description similaire - CX90240

FabricantNo de pièceFiches techniqueDescription
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE_V01 Datasheet
525Kb / 27P
   V.22bis Single Chip Modem
January 2010
logo
Seme LAB
BFC47 SEME-LAB-BFC47 Datasheet
27Kb / 2P
   4TH GENERATION MOSFET
BFC62 SEME-LAB-BFC62 Datasheet
28Kb / 2P
   4TH GENERATION MOSFET
BFC10 SEME-LAB-BFC10 Datasheet
31Kb / 2P
   4TH GENERATION MOSFET
BFC41 SEME-LAB-BFC41 Datasheet
28Kb / 2P
   4TH GENERATION MOSFET
BFC17 SEME-LAB-BFC17 Datasheet
30Kb / 2P
   4TH GENERATION MOSFET
BFC12 SEME-LAB-BFC12 Datasheet
31Kb / 2P
   4TH GENERATION MOSFET
BFC15 SEME-LAB-BFC15 Datasheet
31Kb / 2P
   4TH GENERATION MOSFET
BFC45 SEME-LAB-BFC45 Datasheet
28Kb / 2P
   4TH GENERATION MOSFET
SML5020BN SEME-LAB-SML5020BN Datasheet
30Kb / 2P
   4TH GENERATION MOSFET
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com