Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9226 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD9226
Description  Complete 12-Bit, 65 MSPS ADC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9226 Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD9226 Datasheet HTML 2Page - Analog Devices AD9226 Datasheet HTML 3Page - Analog Devices AD9226 Datasheet HTML 4Page - Analog Devices AD9226 Datasheet HTML 5Page - Analog Devices AD9226 Datasheet HTML 6Page - Analog Devices AD9226 Datasheet HTML 7Page - Analog Devices AD9226 Datasheet HTML 8Page - Analog Devices AD9226 Datasheet HTML 9Page - Analog Devices AD9226 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
REV. 0
AD9226
–6–
48-PIN FUNCTION DESCRIPTIONS
Pin
Number
Name
Description
1, 2, 32, 33 AVSS
Analog Ground
3, 4, 31, 34 AVDD
5 V Analog Supply
5, 6, 8, 10, NC
No Connect
11, 44
7
CLK
Clock Input Pin
9
OEB
Output Enable (Active Low)
12
BIT 12
Least Significant Data Bit (LSB)
13
BIT 11
Data Output Bit
14, 22, 30
DRVSS
Digital Output Driver Ground
15, 23, 29
DRVDD
3 V to 5 V Digital Output
Driver Supply
16–21,
BITS 10–5,
Data Output Bits
24–26
BITS 4–2
27
BIT 1
Most Significant Data Bit (MSB)
28
OTR
Out of Range
35
MODE2
Data Format Select
36
SENSE
Reference Select
37
VREF
Reference In/Out
38
REFCOM
Reference Common
(AVSS)
39, 40
CAPB
Noise Reduction Pin
41, 42
CAPT
Noise Reduction Pin
43
MODE1
Clock Stabilizer
45
CM LEVEL
Midsupply Reference
46
VINA
Analog Input Pin (+)
47
VINB
Analog Input Pin (–)
48
VR
Noise Reduction Pin
PIN CONNECTION
28-Lead SSOP
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD9226
OTR
(MSB) BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
CLK
(LSB) BIT 12
BIT 11
BIT 10
BIT 7
BIT 8
BIT 9
AVDD
AVSS
SENSE
VREF
REFCOM (AVSS)
CAPB
CAPT
DRVDD
DRVSS
AVDD
AVSS
MODE
VINA
VINB
PIN CONNECTION
48-Lead LQFP
36
35
34
33
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44
39 38 37
43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
SENSE
MODE2
AVDD
AVSS
AVSS
AVDD
DRVSS
AVSS
AVSS
AVDD
AVDD
NC
NC
CLK
NC = NO CONNECT
NC
OEB
NC
NC
DRVDD
OTR
BIT 1 (MSB)
BIT 2
AD9226
(LSB) BIT 12
BIT 3
28-PIN FUNCTION DESCRIPTIONS
Pin
Number
Name
Description
1
CLK
Clock Input Pin
2
BIT 12
Least Significant Data Bit (LSB)
3–12
BITS 11–2
Data Output Bits
13
BIT 1
Most Significant Data Bit (MSB)
14
OTR
Out of Range
15, 26
AVDD
5 V Analog Supply
16, 25
AVSS
Analog Ground
17
SENSE
Reference Select
18
VREF
Input Span Select (Reference I/O)
19
REFCOM
Reference Common
(AVSS)
20
CAPB
Noise Reduction Pin
21
CAPT
Noise Reduction Pin
22
MODE
Data Format Select /Clock Stabilizer
23
VINA
Analog Input Pin (+)
24
VINB
Analog Input Pin (–)
27
DRVSS
Digital Output Driver Ground
28
DRVDD
3 V to 5 V Digital Output
Driver Supply


Numéro de pièce similaire - AD9226

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9226 AD-AD9226 Datasheet
1,018Kb / 29P
   ADC Converter
AD9226-EB AD-AD9226-EB Datasheet
985Kb / 28P
   Complete 12-Bit, 65 MSPS ADC Converter
REV. B
AD9226-EB AD-AD9226-EB Datasheet
985Kb / 28P
   Complete 12-Bit, 65 MSPS ADC Converter
REV. B
AD9226-EB AD-AD9226-EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9226-EB AD-AD9226-EB Datasheet
1,018Kb / 29P
   ADC Converter
More results

Description similaire - AD9226

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9226 AD-AD9226_15 Datasheet
985Kb / 28P
   Complete 12-Bit, 65 MSPS ADC Converter
REV. B
AD9226ARSZ AD-AD9226ARSZ Datasheet
985Kb / 28P
   Complete 12-Bit, 65 MSPS ADC Converter
REV. B
AD9226 AD-AD9226_01 Datasheet
985Kb / 28P
   Complete 12-Bit, 65 MSPS ADC Converter
REV. B
AD15252 AD-AD15252 Datasheet
628Kb / 20P
   12-Bit, 65 MSPS, Dual ADC
REV. 0
AD15252 AD-AD15252_15 Datasheet
636Kb / 20P
   12-Bit, 65 MSPS, Dual ADC
REV. 0
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
   12-Bit, 65 MSPS A/D Converter
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
logo
National Semiconductor ...
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
   12-Bit, 65/80 MSPS A/D Converter
logo
Analog Devices
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com