Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAV170 Fiches technique(PDF) 2 Page - Micro Commercial Components

No de pièce BAV170
Description  250mW Low Leakage Diode 85 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAV170 Fiches technique(HTML) 2 Page - Micro Commercial Components

  BAV170_13 Datasheet HTML 1Page - Micro Commercial Components BAV170_13 Datasheet HTML 2Page - Micro Commercial Components BAV170_13 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MCC
Revision: B
2013/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 3
0
50
100
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
A
Fig. 1 Power Derating Curve
150
200
250
300
Device mounted on an
FR4 printed-circuit board
Single diode loaded
Double diode loaded
0
50
100
150
200
300
200
250
100
150
50
0
T , AMBIENT TEMPERATURE (
°C)
A
Fig. 2 Current Derating Curve
10
1.0
100
1000
0.1
0.01
01
2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 3 Typical Forward Characteristics
0.1
1
10
0
50
150
100
200
T , AMBIENT TEMPERATURE (
)
A
Fig. 4 Typical Reverse Characteristics
°C
V
= 75V
R


Numéro de pièce similaire - BAV170_13

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BAV170-13-F DIODES-BAV170-13-F Datasheet
86Kb / 4P
   DUAL SURFACE MOUNT LOW LEAKAGE DIODE
BAV170-13-F DIODES-BAV170-13-F Datasheet
290Kb / 4P
   DUAL SURFACE MOUNT LOW LEAKAGE DIODE
logo
Galaxy Semi-Conductor H...
BAV170 BILIN-BAV170_13 Datasheet
164Kb / 4P
   Low-leakage double diode
More results

Description similaire - BAV170_13

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
BAV170 MCC-BAV170 Datasheet
183Kb / 3P
   250mW Low Leakage Diode 85 Volts
logo
Central Semiconductor C...
CMDZ2L4 CENTRAL-CMDZ2L4 Datasheet
100Kb / 2P
   SUPERmini. LOW LEVEL ZENER DIODE 250mW, 2.4 VOLTS THRU 36 VOLTS
CMDZ1L8 CENTRAL-CMDZ1L8 Datasheet
104Kb / 2P
   SUPERmini LOW LEVEL ZENER DIODE 250mW, 1.8 VOLTS THRU 47 VOLTS
logo
Micro Commercial Compon...
1SS387 MCC-1SS387 Datasheet
399Kb / 3P
   85 Volts Switching Diode
1SS387 MCC-1SS387_13 Datasheet
423Kb / 3P
   85 Volts Switching Diode
logo
Central Semiconductor C...
CPD64 CENTRAL-CPD64 Datasheet
209Kb / 2P
   Low Leakage Diode Low Leakage Diode Chip
CPD66X CENTRAL-CPD66X Datasheet
728Kb / 2P
   Low Leakage Diode Low Leakage Diode Chip
CMOZ1L8 CENTRAL-CMOZ1L8_10 Datasheet
347Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE 1.8 VOLTS THRU 47 VOLTS 250mW
CPD71 CENTRAL-CPD71 Datasheet
213Kb / 2P
   Low Leakage Diode Low Leakage Switching Diode Chip
logo
NXP Semiconductors
BAS416 PHILIPS-BAS416 Datasheet
63Kb / 8P
   Low-leakage diode
2004 Jan 26
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com