Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8801AN Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD8801AN
Description  Octal 8-Bit TrimDAC with Power Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8801AN Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD8801AN Datasheet HTML 3Page - Analog Devices AD8801AN Datasheet HTML 4Page - Analog Devices AD8801AN Datasheet HTML 5Page - Analog Devices AD8801AN Datasheet HTML 6Page - Analog Devices AD8801AN Datasheet HTML 7Page - Analog Devices AD8801AN Datasheet HTML 8Page - Analog Devices AD8801AN Datasheet HTML 9Page - Analog Devices AD8801AN Datasheet HTML 10Page - Analog Devices AD8801AN Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8801/AD8803
REV. A
–7–
100
0.0001
2.5
0.01
0.001
0.5
0
0.1
1.0
10
2
1.5
1
LOGIC INPUT VOLTAGE – Volts
5
3
4.5
4
3.5
TA = +25°C
ALL DIGITAL INPUTS
TIED TOGETHER
VDD = +5V
VDD = +3V
Figure 13. Supply Current vs. Logic Input Voltage
80
60
100
100k
10k
1k
10
40
20
FREQUENCY – Hz
0
VDD = +5V ±0.5VP
VREFH = +2V
CODE = 80H
TA = +25°C
Figure 14. Power Supply Rejection vs. Frequency
10
0%
100
90
0%
VDD = +5V
VREF = +2V
TIME – 1µs/DIV
2V
0V
5V
0V
OUT1
CS
Figure 15. Large-Signal Settling Time
10
0%
100
90
OUTPUT1: OOH → FFH
TIME – 0.2µs/DIV
VDD = +5V
VREF = +2V
f = 500kHz
Figure 16. Adjacent Channel Clock Feedthrough
10
0%
100
90
OUTPUT1: 7FH → 80H
VDD = +5V
VREF = +2V
TIME – 0.2µs/DIV
OUT1
10mV/DIV
CS
5V/DIV
Figure 17. Midscale Transition
HOURS OF OPERATION AT 150
°C
0.01
–0.01
0
600
150
300
450
0
–0.005
0.005
VDD = +4.5V
VREF = +4.5V
SS = 162 PCS
VREFL = 0V
Figure 18. Zero-Scale Error Accelerated by Burn-In


Numéro de pièce similaire - AD8801AN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8801AN AD-AD8801AN Datasheet
216Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
More results

Description similaire - AD8801AN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8801ARZ AD-AD8801ARZ Datasheet
216Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
AD8803ARZ AD-AD8803ARZ Datasheet
216Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
AD8803 AD-AD8803_15 Datasheet
216Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
AD8801 AD-AD8801_15 Datasheet
216Kb / 16P
   Octal 8-Bit TrimDAC
REV. A
DAC8840 AD-DAC8840 Datasheet
513Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842 AD-AD8842 Datasheet
506Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. 0
DAC-8841 AD-DAC-8841 Datasheet
584Kb / 12P
   8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842ARZ AD-AD8842ARZ Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC8840FPZ AD-DAC8840FPZ Datasheet
515Kb / 12P
   8-Bit Octal 4-Quadrant Mulyplying CMOS TrimDAC
REV. A
DAC8841 AD-DAC8841_13 Datasheet
587Kb / 12P
   8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com