Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN54014UCX(1) Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FAN54014UCX(1)
Description  FAN54010 / FAN54011 / FAN54012 / FAN54013 / FAN54014
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN54014UCX(1) Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FAN54014UCX(1) Datasheet HTML 1Page - Fairchild Semiconductor FAN54014UCX(1) Datasheet HTML 2Page - Fairchild Semiconductor FAN54014UCX(1) Datasheet HTML 3Page - Fairchild Semiconductor FAN54014UCX(1) Datasheet HTML 4Page - Fairchild Semiconductor FAN54014UCX(1) Datasheet HTML 5Page - Fairchild Semiconductor FAN54014UCX(1) Datasheet HTML 6Page - Fairchild Semiconductor FAN54014UCX(1) Datasheet HTML 7Page - Fairchild Semiconductor FAN54014UCX(1) Datasheet HTML 8Page - Fairchild Semiconductor FAN54014UCX(1) Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
July 2012
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5401X Family • Rev. 1.0.4
FAN54010 / FAN54011 / FAN54012 / FAN54013 / FAN54014
USB-Compliant Single-Cell Li-Ion Switching Charger with
USB-OTG Boost Regulator
Features
Fully Integrated, High-Efficiency Charger for Single-Cell
Li-Ion and Li-Polymer Battery Packs
Faster Charging than Linear
Charge Voltage Accuracy:
0.5% at 25°C
1% from 0 to 125°C
5% Input Current Regulation Accuracy
5% Charge Current Regulation Accuracy
20 V Absolute Maximum Input Voltage
6 V Maximum Input Operating Voltage
1.45 A Maximum Charge Rate
Programmable through High-Speed I2C Interface
(3.4 Mb/s) with Fast Mode Plus Compatibility
Input Current
Fast-Charge / Termination Current
Charger Voltage
Termination Enable
3 MHz Synchronous Buck PWM Controller with Wide
Duty Cycle Range
Small Footprint 1H External Inductor
Safety Timer with Reset Control
1.8 V Regulated Output from VBUS for Auxiliary Circuits
Weak Input Sources Accommodated by Reducing
Charging Current to Maintain Minimum VBUS Voltage
Low Reverse Leakage to Prevent Battery Drain to VBUS
5 V, 500 mA Boost Mode for USB OTG for 3.0 V to
4.5 V Battery Input
Applications
Cell Phones, Smart Phones, PDAs
Tablet, Portable Media Players
Gaming Device, Digital Cameras
Description
The FAN54010 family (FAN5401X) combines a highly
integrated switch-mode charger, to minimize single-cell Lithium-
ion (Li-ion) charging time from a USB power source, and a
boost regulator to power a USB peripheral from the battery.
The charging parameters and operating modes are
programmable through an I
2C Interface that operates up to
3.4 Mbps. The charger and boost regulator circuits switch at
3MHz to minimize the size of external passive components.
The FAN5401X provides battery charging in three phases:
conditioning, constant current, and constant voltage.
To ensure USB compliance and minimize charging time, the
input current is limited to the value set through the I
2C host.
Charge termination is determined by a programmable
minimum current level. A safety timer with reset control
provides a safety backup for the I
2C host.
The integrated circuit (IC) automatically restarts the charge
cycle when the battery falls below an internal threshold. If the
input source is removed, the IC enters a high-impedance
mode with leakage from the battery to the input prevented.
Charge status is reported back to the host through the I
2C
port. Charge current is reduced when the die temperature
reaches 120°C.
The FAN5401X can operate as a boost regulator on
command from the system. The boost regulator includes a
soft-start that limits inrush current from the battery.
The FAN5401X is available in a 1.96 x 1.87 mm, 20-bump,
0.4 mm pitch, WLCSP package.
Figure 1. Typical Application
All trademarks are the property of their respective owners.


Numéro de pièce similaire - FAN54014UCX(1)

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN54014UCX FAIRCHILD-FAN54014UCX Datasheet
1Mb / 37P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com