Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN54010UCX(1) Fiches technique(PDF) 11 Page - Fairchild Semiconductor

No de pièce FAN54010UCX(1)
Description  FAN54010 / FAN54011 / FAN54012 / FAN54013 / FAN54014
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN54010UCX(1) Fiches technique(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN54010UCX(1) Datasheet HTML 7Page - Fairchild Semiconductor FAN54010UCX(1) Datasheet HTML 8Page - Fairchild Semiconductor FAN54010UCX(1) Datasheet HTML 9Page - Fairchild Semiconductor FAN54010UCX(1) Datasheet HTML 10Page - Fairchild Semiconductor FAN54010UCX(1) Datasheet HTML 11Page - Fairchild Semiconductor FAN54010UCX(1) Datasheet HTML 12Page - Fairchild Semiconductor FAN54010UCX(1) Datasheet HTML 13Page - Fairchild Semiconductor FAN54010UCX(1) Datasheet HTML 14Page - Fairchild Semiconductor FAN54010UCX(1) Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5401X Family • Rev. 1.0.4
11
Charge Mode Typical Characteristics
Unless otherwise specified, circuit of Figure 1, VOREG=4.2 V, VBUS=5.0 V, and TA=25°C.
Figure 7. Battery Charge Current vs. VBUS with
IINLIM=100 mA
Figure 8. Battery Charge Current vs. VBUS with
IINLIM=500 mA
Figure 9. Charger Efficiency, No IINLIM, IOCHARGE=1,450 mA
Figure 10. Charger Efficiency vs. VBUS, IINLIM=500 mA
Figure 11. Auto-Charge Startup at VBUS Plug-in,
IINLIM=100 mA, OTG=1, VBAT=3.4 V
Figure 12. Auto-Charge Startup at VBUS Plug-in,
IINLIM=500 mA, OTG=1, VBAT=3.4 V
-
20
40
60
80
100
120
140
160
180
2.533.544.5
Battery Voltage, VBAT (V)
5.5VBUS
5.0VBUS
4.5VBUS
-
100
200
300
400
500
600
700
800
900
2.533.544.5
Battery Voltage, VBAT (V)
5.5VBUS
5.0VBUS
4.5VBUS
82%
85%
88%
91%
94%
97%
100
300
500
700
900
1100
1300
1500
Battery Charge Current (mA)
4.20VBAT, 4.5VBUS
4.20VBAT, 5.0VBUS
3.54VBAT, 5.0VBUS
3.54VBAT, 4.5VBUS
84%
86%
88%
90%
92%
94%
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
Battery Voltage, VBAT (V)
4.5VBUS
5.0VBUS
5.5VBUS


Numéro de pièce similaire - FAN54010UCX(1)

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN54010UCX FAIRCHILD-FAN54010UCX Datasheet
1Mb / 37P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com