Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD8361 Datasheet(Fiches technique) 15 Page - Analog Devices

Numéro de pièce AD8361
Description  LF to 2.5 GHz TruPwr™ Detector
Télécharger  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo 

AD8361 Datasheet(HTML) 15 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD8361
–15–
REV. A
AD8361
VPOS
IREF
RFIN
PWDN
SREF
VRMS
FLTR
COMM
C1
100pF
R2
75
C5
1
2
3
45
6
7
8
C2
0.01 F
RFIN
Vrms
C3
100pF
VPOS
VS
SW2
VS
SW3
SW1
A
B
A
B
R5
(OPEN
)
R4
0
1nF
C4
(OPEN
)
R6
0
A
B
TP2
TP1
VPOS
VPOS
Figure 43. Evaluation Board Schematic micro_SOIC
Figure 44. Layout of Component Side micro_SOIC
Figure 45. Silkscreen of Component Side micro_SOIC
C5
1nF
C3
100pF
C2
0.01 F
J2
J3
J1
R2
75
TP2
R4
0
C4
OPEN
R5
OPEN
AD8361
VPOS
RFIN
PWDN
VRMS
FLTR
COMM
1
2
3
4
5
6
TP1
C1
100pF
SW1
1
2
3
R7
50
VPOS
Figure 46. Evaluation Board Schematic, SOT-23-6L
Figure 47. Layout of the Component Side, SOT-23-6L
Figure 48. Silkscreen of the Component Side, SOT-23-6L


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn