Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD834AR Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD834AR
Description  500 MHz Four-Quadrant Multiplier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD834AR Fiches technique(HTML) 8 Page - Analog Devices

  AD834AR Datasheet HTML 1Page - Analog Devices AD834AR Datasheet HTML 2Page - Analog Devices AD834AR Datasheet HTML 3Page - Analog Devices AD834AR Datasheet HTML 4Page - Analog Devices AD834AR Datasheet HTML 5Page - Analog Devices AD834AR Datasheet HTML 6Page - Analog Devices AD834AR Datasheet HTML 7Page - Analog Devices AD834AR Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD834
REV. C
–8–
Figure 14. Frequency Doubler Connections
Figure 15. Output Spectrum for Configuration of Figure 14
WIDEBAND THREE SIGNAL MULTIPLIER/DIVIDER
Two AD834s and a wideband op amp can be connected to
make a versatile multiplier/divider having the transfer function
W
=
(X1– X 2)(Y1–Y 2)
(U1–U 2)
+ Z
with a denominator range of about 100:1. The denominator in-
put U = U1–U2 must be positive and in the range 100 mV to
10 V; X, Y and Z inputs may have either polarity. Figure 16
shows a general configuration which may be simplified to suit a
particular application. This circuit accepts full-scale input volt-
ages of 10 V, and delivers a full-scale output voltage of 10 V.
The optional offset trim at the output of the AD834 improves
the accuracy for small denominator values. It is adjusted by
nulling the output voltage when the X and Y inputs are zero and
U = +100 mV.
The AD840 is internally compensated to be stable without the
use of any additional HF compensation. As the input U is re-
duced, the bandwidth falls because the feedback around the op
amp is proportional to the input U.
This circuit may be modified in several ways. For example, if
the differential input feature is not needed, the unused input
Figure 16. Wideband Three Signal Multiplier/Divider
can be connected to ground through a single resistor, equal to
the parallel sum of the resistors in the attenuator section. The
full-scale input levels on X, Y and U can be adapted to any full-
scale voltage down to
±1 V by altering the attenuator ratios.
Note, however, that precautions must be taken if the attenuator
ratio from the output of A3 back to the second AD834 (A2) is
lowered. First, the HF compensation limit of the AD840 may be
exceeded if the negative feedback factor is too high. Second, if
the attenuated output at the AD834 exceeds its clipping level of
±1.3 V, feedback control will be lost and the output will sud-
denly jump to the supply rails. However, with these limitations
understood, it will be possible to adapt the circuit to smaller
full-scale inputs and/or outputs, and for use with lower supply
voltages.


Numéro de pièce similaire - AD834AR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD834AR-REEL AD-AD834AR-REEL Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
AD834AR-REEL7 AD-AD834AR-REEL7 Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
AD834ARZ AD-AD834ARZ Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
AD834ARZ-R7 AD-AD834ARZ-R7 Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
AD834ARZ-RL AD-AD834ARZ-RL Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
More results

Description similaire - AD834AR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD834 AD-AD834_12 Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
AD834 AD-AD834_15 Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
AD734 AD-AD734_15 Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD734ANZ AD-AD734ANZ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD734SQ AD-AD734SQ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
REV. E
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
ON Semiconductor
MC1495 ONSEMI-MC1495 Datasheet
332Kb / 16P
   LINEAR FOUR-QUADRANT MULTIPLIER
August, 2001 ??Rev. 1
logo
Motorola, Inc
MC1494L MOTOROLA-MC1494L Datasheet
519Kb / 14P
   MONOLITHIC FOUR-QUADRANT MULTIPLIER
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM Datasheet
329Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com