Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

908E621 Fiches technique(PDF) 4 Page - Freescale Semiconductor, Inc

No de pièce 908E621
Description  Integrated Quad Half bridge and Triple High Side Embedded MCU and LIN for High End Mirror
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

908E621 Fiches technique(HTML) 4 Page - Freescale Semiconductor, Inc

  908E621_12 Datasheet HTML 1Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 2Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 3Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 4Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 5Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 6Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 7Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 8Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
908E621
PIN CONNECTIONS
MCU
45
48
VSSA/VREFL
VDDA/VREFH
ADC Supply and
Reference Pins
These pins are the power supply and voltage reference pins for the
analog-to-digital converter (ADC).
MCU
46
47
EVSS
EVDD
MCU Power Supply
Pins
These pins are the ground and power supply pins, respectively. The
MCU operates from a single power supply.
MCU
49
50
52
53
54
PTA4/KBD4
PTA3/KBD3
PTA2/KBD2
PTA1/KBD1
PTA0/KBD0
Port A I/Os
These pins are special function, bidirectional I/O port pins that are
shared with other functional modules in the MCU.
MCU
51
FLSVPP
Test Pin
For test purposes only. Do not connect in the application.
Analog
11
RST_A
Internal Reset
This pin is the bidirectional reset pin of the analog die.
Analog
12
IRQ_A
Internal Interrupt
Output
This pin is the interrupt output pin of the analog die indicating errors or
wake-up events.
Analog
13
LIN
LIN Bus
This pin represents the single wire bus transmitter and receiver.
Analog
14
A0CST
Analog Input Trim Pin This is the analog input trim pin for the A0 input. This is to connect a
known fixed resistor value to trim the current source measurement.
Analog
15
A0
Analog Input Pin
This pin is an analog input port with selectable source values.
Analog
16
19
25
30
GND1
GND2
GND3
GND4
Power Ground Pins
These pins are device power ground connections.
Analog
29
26
20
17
HB1
HB2
HB3
HB4
Half-bridge Outputs
This device includes power MOSFETs configured as four half-bridge
driver outputs. These outputs may be configured for DC motor drivers,
or as high side and low side switches.
Note: The HB3 and HB4 have a lower RDS(ON) then HB1 and HB2.
Analog
18
21
27
28
31
32
35
VSUP1
VSUP2
VSUP3
VSUP4
VSUP5
VSUP6
VSUP7
Power Supply Pins
These pins are device power supply pins.
–22
23
NC
NC
No Connect
These pins are not connected.
Analog
24
TESTMODE
TESTMODE Input
Pin for test purpose only. In application this pin needs to be tied GND.
Analog
34
35
HS1a
HS1b
High Side HS1 Output This output pin is a low RDS(ON) high side switch.
Analog
36
38
HS2
HS3
High Side HS2 Output
High Side HS3 Output
These output pins are low RDS(ON) high side switches.
Analog
39
H0
Hall-Effect Sensor /
General Purpose
Input
This pin provides an input for a Hall-effect sensor or general purpose
input.
Analog
40
L0
Wake-up Input
This pin provides an high voltage input, which is wake-up capable.
Analog
41
HVDD
Switchable VDD
Output
This pin is a switchable VDD output for driving resistive loads requiring
a regulated 5.0 V supply; e.g. potentiometers.
Analog
42
VDD
Voltage Regulator
Output
The +5. V voltage regulator output pin is intended to supply the
embedded microcontroller.
Table 1. Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 19.
Die
Pin
Pin Name
Formal Name
Definition


Numéro de pièce similaire - 908E621_12

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
908E621 FREESCALE-908E621_07 Datasheet
916Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_08 Datasheet
1,019Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
More results

Description similaire - 908E621_12

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MM908E621 FREESCALE-MM908E621_08 Datasheet
1,013Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
MM908E621 FREESCALE-MM908E621 Datasheet
719Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_08 Datasheet
1,019Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_07 Datasheet
916Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
MM908E622 FREESCALE-MM908E622 Datasheet
732Kb / 63P
   Integrated Quad Half-Bridge, Triple High-Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
MM908E622 FREESCALE-MM908E622_08 Datasheet
1Mb / 66P
   Integrated Quad Half-bridge, Triple High Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
908E622 FREESCALE-908E622_12 Datasheet
1Mb / 63P
   Integrated Quad Half-bridge, Triple High Side amd EC Glass Driver with Embedded MCU and LIN for High End Mirror
logo
Motorola, Inc
MM908E624 MOTOROLA-MM908E624 Datasheet
453Kb / 32P
   TRIPLE HIGH-SIDE SWITCH WITH EMBEDDED MCU AND LIN
logo
Freescale Semiconductor...
908E624 FREESCALE-908E624_12 Datasheet
686Kb / 39P
   Integrated Triple High Side Switch Embedded MCU and Lin Serial Communication for Relay Drivers
908E425 FREESCALE-908E425 Datasheet
581Kb / 49P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com