Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8345ARE Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD8345ARE
Description  250 MHz.1000 MHz Quadrature Modulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8345ARE Fiches technique(HTML) 5 Page - Analog Devices

  AD8345ARE Datasheet HTML 1Page - Analog Devices AD8345ARE Datasheet HTML 2Page - Analog Devices AD8345ARE Datasheet HTML 3Page - Analog Devices AD8345ARE Datasheet HTML 4Page - Analog Devices AD8345ARE Datasheet HTML 5Page - Analog Devices AD8345ARE Datasheet HTML 6Page - Analog Devices AD8345ARE Datasheet HTML 7Page - Analog Devices AD8345ARE Datasheet HTML 8Page - Analog Devices AD8345ARE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. 0
AD8345
–5–
Typical Performance Characteristics–
LO FREQUENCY – MHz
0
250
–2
–4
–6
–8
–10
–12
–14
–16
–18
–20
300 350 400 450 500 550 600 650 700 750 800 850 900 9501000
VS = 2.7V, DIFFERENTIAL INPUT = 200mV p-p
VS = 5V, DIFFERENTIAL INPUT = 1.2V p-p
TPC 1. Single Sideband (SSB) Output Power (POUT) vs. LO
Frequency (FLO). (I and Q Inputs Driven in Quadrature at
Baseband Frequency (FBB) = 1 MHz; TA = 25
°C)
BASEBAND FREQUENCY – MHz
0.1
–5.5
1
10
100
VS = 2.7V, 5V DIFFERENTIAL INPUT = 200mV p-p
VS = 5V, DIFFERENTIAL INPUT = 1.2V p-p
–5.0
–4.5
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0.0
0.5
1.0
TPC 2. I and Q Input Bandwidth. (TA = 25
°C, FLO = 800 MHz,
LO Level = –2 dBm, I and Q Inputs Driven in Quadrature)
TEMPERATURE – C
–40
–26
040
80
VS = 5V, DIFFERENTIAL INPUT = 1.2V p-p
VS = 2.7V, DIFFERENTIAL INPUT = 200mV p-p
–24
–22
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
–20
20
60
TPC 3. SSB POUT vs. Temperature. (FLO = 800 MHz, LO
Level = –2 dBm, FBB = 1 MHz, I and Q Inputs Driven in
Quadrature)
LO FREQUENCY – MHz
250
500
800
TA = +85 C
–16
–14
–12
–10
–8
–6
–4
–2
0
350
650
950
300
400 450
550 600
700 750
850 900
1000
TA = –40 C
TA = +25 C
TPC 4. SSB Output 1 dB Compression Point (OP 1 dB) vs.
FLO. (VS = 2.7 V, LO Level = –2 dBm, I and Q Inputs Driven
in Quadrature, FBB = 1 MHz)
LO FREQUENCY – MHz
250
500
800
TA = +85 C
–0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
350
650
950
300
400 450
550 600
700 750
850 900
1000
TA = –40 C
TA = +25 C
4.0
TPC 5. SSB Output 1 dB Compression Point (OP 1 dB) vs.
FLO. (VS = 5 V, LO Level = –2 dBm, I and Q Inputs Driven in
Quadrature, FBB = 1 MHz)
LO FREQUENCY – MHz
250
500
800
VS = 5V, DIFFERENTIAL INPUT = 1.2V p-p
–50
350
650
950
300
400 450
550 600
700 750
850 900
1000
–49
–48
–47
–46
–45
–44
–43
–42
–41
–40
VS = 2.7V, DIFFERENTIAL INPUT = 200mV p-p
TPC 6. Carrier Feedthrough vs. FLO. (LO Level = –2 dBm,
TA = 25
°C)


Numéro de pièce similaire - AD8345ARE

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8345ARE AD-AD8345ARE Datasheet
362Kb / 20P
   140 MHz to 1000 MHz Quadrature Modulator
REV. B
AD8345ARE-REEL7 AD-AD8345ARE-REEL7 Datasheet
362Kb / 20P
   140 MHz to 1000 MHz Quadrature Modulator
REV. B
AD8345AREZ AD-AD8345AREZ Datasheet
362Kb / 20P
   140 MHz to 1000 MHz Quadrature Modulator
REV. B
AD8345AREZ-RL7 AD-AD8345AREZ-RL7 Datasheet
362Kb / 20P
   140 MHz to 1000 MHz Quadrature Modulator
REV. B
More results

Description similaire - AD8345ARE

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
STQ-1016 ETC-STQ-1016 Datasheet
146Kb / 6P
   250 - 1000 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-1016 SIRENZA-STQ-1016 Datasheet
138Kb / 6P
   250 - 1000 MHz Direct Quadrature Modulator
logo
ATMEL Corporation
U2790B ATMEL-U2790B Datasheet
228Kb / 15P
   1000-MHz QUADRATURE MODULATOR
logo
TEMIC Semiconductors
U2797B TEMIC-U2797B Datasheet
255Kb / 13P
   1000-MHz Quadrature Modulator
logo
ATMEL Corporation
U2790B ATMEL-U2790B_06 Datasheet
322Kb / 16P
   1000-MHz Quadrature Modulator
logo
Analog Devices
AD8345 AD-AD8345_15 Datasheet
1,020Kb / 20P
   140 MHz to 1000 MHz Quadrature Modulator
REV. B
ADL5370 AD-ADL5370 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
AD8345AREZ AD-AD8345AREZ Datasheet
362Kb / 20P
   140 MHz to 1000 MHz Quadrature Modulator
REV. B
logo
ATMEL Corporation
U2793B ATMEL-U2793B_06 Datasheet
329Kb / 13P
   300-MHz Quadrature Modulator
U2793B ATMEL-U2793B Datasheet
255Kb / 12P
   300 MHZ QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com