Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8307AN Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD8307AN
Description  Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8307AN Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD8307AN Datasheet HTML 6Page - Analog Devices AD8307AN Datasheet HTML 7Page - Analog Devices AD8307AN Datasheet HTML 8Page - Analog Devices AD8307AN Datasheet HTML 9Page - Analog Devices AD8307AN Datasheet HTML 10Page - Analog Devices AD8307AN Datasheet HTML 11Page - Analog Devices AD8307AN Datasheet HTML 12Page - Analog Devices AD8307AN Datasheet HTML 13Page - Analog Devices AD8307AN Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8307
–10–
REV. A
We can model these detectors as being essentially linear gm cells,
but producing an output current independent of the sign of the
voltage applied to the input of each cell. That is, they imple-
ment the absolute-value function. Since the output from the
later A/0 stages closely approximates an amplitude-symmetric
square wave for even moderate input levels (most stages of the
amplifier chain operate in a limiting mode), the current output
from each detector is almost constant over each period of the
input. Somewhat earlier detectors stages produce a waveform
having only very brief dropouts, while the detectors nearest the
input produce a low level almost-sinusoidal waveform at twice
the input frequency. These aspects of the detector system result
in a signal that is easily filtered, resulting in low residual ripple
on the output.
Intercept Calibration
All monolithic log amps from Analog Devices include accurate
means to position the intercept voltage VX (or equivalent power
for a demodulating log amp). Using the scheme shown in Figure
24, the basic value of the intercept level departs considerably
from that predicted by the simpler analyses given earlier. How-
ever, the intrinsic intercept voltage is still proportional to EK,
which is PTAT (Equation 5). Recalling that the addition of an
offset to the output produces an effect which is indistinguishable
from a change in the position of the intercept, we can cancel the
left-right motion of VX resulting from the temperature variation of
EK by adding an offset having the required temperature behavior.
The precise temperature-shaping of the intercept-positioning
offset results in a log amp having stable scaling parameters,
making it a true measurement device, for example, as a cali-
brated Received Signal Strength Indicator (RSSI). In this appli-
cation, one is more interested in the value of the output for an
input waveform which is invariably sinusoidal. The input level
may alternatively be stated as an equivalent power, in dBm, but
here we must step carefully. It is essential to know the load
impedance in which this power is presumed to be measured.
In RF practice, it is generally safe to assume a reference imped-
ance of 50
Ω, in which 0 dBm (1 mW) corresponds to a sinusoi-
dal amplitude of 316.2 mV (223.6 mV rms). The intercept may
likewise be specified in dBm. For the AD8307, it is positioned
at –84 dBm, corresponding to a sine amplitude of 20
µV. It is
important to bear in mind that log amps do not respond to
power, but to the voltage applied to their input.
The AD8307 presents a nominal input impedance much higher
than 50
Ω (typically 1.1 kΩ at low frequencies). A simple input
matching network can considerably improve the sensitivity of
this type of log amp. This will increase the voltage applied to the
input and thus alter the intercept. For a 50
Ω match, the voltage
gain is 4.8 and the whole dynamic range moves down by 13.6 dB
(see Figure 33). Note that the effective intercept is a function of
waveform. For example, a square-wave input will read 6 dB
higher than a sine wave of the same amplitude, and a Gaussian
noise input 0.5 dB higher than a sine wave of the same rms
value.
Offset Control
In a monolithic log amp, direct-coupling between the stages is
used for several reasons. First, this avoids the use of coupling
capacitors, which may typically have a chip area equal to that of
a basic gain cell, thus considerably increasing die size. Second,
the capacitor values predetermine the lowest frequency at which
the log amp can operate; for moderate values, this may be as
high as 30 MHz, limiting the application range. Third, the para-
sitic (back-plate) capacitance lowers the bandwidth of the cell,
further limiting the applications.
But the very high dc gain of a direct-coupled amplifier raises a
practical issue. An offset voltage in the early stages of the chain
is indistinguishable from a ‘real’ signal. If it were as high as, say,
400
µV, it would be 18 dB larger than the smallest ac signal
(50
µV), potentially reducing the dynamic range by this amount.
This problem is averted by using a global feedback path from
the last stage to the first, which corrects this offset in a similar
fashion to the dc negative feedback applied around an op amp.
The high frequency components of the signal must, of course,
be removed, to prevent a reduction of the HF gain in the for-
ward path.
In the AD8307, this is achieved by an on-chip filter, providing
sufficient suppression of HF feedback to allow operation above
1 MHz. To extend the range below this frequency, an external
capacitor may be added. This permits the high pass corner to be
lowered to audio frequencies using a capacitor of modest value.
Note that this capacitor has no effect on the minimum signal
frequency for input levels above the offset voltage: this extends
down to dc (for a signal applied directly to the input pins). The
offset voltage will vary from part to part; some will exhibit essen-
tially stable offsets of under 100
µV, without the benefit of an
offset adjustment.
Extension of Range
The theoretical dynamic range for the basic log amp shown in
Figure 24 is A
N. For A = 5.2 (14.3 dB) and N = 6, it is 20,000
or 86 dB. The actual lower end of the dynamic range is largely
determined by the thermal noise floor, measured at the input of
the chain of amplifiers. The upper end of the range is extended
upward by the addition of top-end detectors. The input signal is
applied to a tapped attenuator, and progressively smaller signals
are applied to three passive rectifying gm cells whose outputs are
summed with those of the main detectors. With care in design,
the extension to the dynamic range can be seamless over the full
frequency range. For the AD8307 it amounts to a further 27 dB.
The total dynamic range is thus theoretically 113 dB. The speci-
fied range of 90 dB (–74 dBm to +16 dBm) is that for high
accuracy, calibrated operation, and includes the low end degra-
dation due to thermal noise, and the top end reduction due to
voltage limitations. The additional stages are not, however,
redundant, but are needed to maintain accurate logarithmic
conformance over the central region of the dynamic range, and
in extending the usable range considerably beyond the specified
range. In applications where log-conformance is less demand-
ing, the AD8307 can provide over 95 dB of range.


Numéro de pièce similaire - AD8307AN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8307AN AD-AD8307AN Datasheet
508Kb / 24P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. C
AD8307ANZ AD-AD8307ANZ Datasheet
508Kb / 24P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. C
More results

Description similaire - AD8307AN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8307 AD-AD8307_06 Datasheet
508Kb / 24P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. C
AD8307 AD-AD8307_15 Datasheet
401Kb / 24P
   Low Cost, DC to 500 MHz, 92 dB Logarithmic Amplifier
Rev. D
AD8309 AD-AD8309 Datasheet
311Kb / 20P
   5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD8310 AD-AD8310_05 Datasheet
530Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
Rev. E
AD8310 AD-AD8310 Datasheet
606Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
REV. D
AD8309ARUZ AD-AD8309ARUZ Datasheet
315Kb / 20P
   5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier
REV. B
AD8310 AD-AD8310_15 Datasheet
393Kb / 24P
   Fast, Voltage-Out, DC to 440 MHz, 95 dB Logarithmic Amplifier
Rev. F
AD640 AD-AD640_15 Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640 Datasheet
278Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640JPZ AD-AD640JPZ Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com