Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TC-10-07B Datasheet(Fiches technique) 3 Page - Vishay Siliconix

Numéro de pièce TC-10-07B
Description  Through Hole Transformers Converter
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TC-10-07B Datasheet(HTML) 3 Page - Vishay Siliconix

  TC-10-07B Datenblatt HTML 1Page - Vishay Siliconix TC-10-07B Datenblatt HTML 2Page - Vishay Siliconix TC-10-07B Datasheet HTML 3Page - Vishay Siliconix TC-10-07B Datenblatt HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TC
www.vishay.com
Vishay Dale
Revision: 02-Mar-12
3
Document Number: 34077
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Omit high voltage winding for TC-10-06.
Note
(1) Shows typical pin spacing, pin 10 is omitted on all models except -05, -06, -12.
SCHEMATICS
DIMENSIONS in inches [millimeters]
PART MARKING
- Model
- Date code
ORDERING INFORMATION
TC-10
-01B
EB
e2
MODEL
DASH NUMBER
PACKAGE CODE
JEDEC LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER
T
C
10
E
B
01
B
MODEL
PACKAGE
CODE
INDUCTANCE
VALUE
5
4
3
2
6
1
9
8
7
Primary
Feedback
Secondary
1.
2.
8
9
4
5
6
1
2
3
Primary
Low Voltage
Secondary
High Voltage
Secondary
3.
5
4
3
9
2
18
Secondary
Primary
6
Feedback
4.
3
9
1
2
Primary
8
Secondary
5.
9
2
High Voltage
(1)
1
3
4
5
610
Feedback
Primary
8
7
Low Voltage
Secondary
0.130 [3.30]
Min.
0.430 [10.92]
Max.
0.750 [19.05]
Max. Dia.
8
3
4
7
1
10
9
2
65
0.025 [0.635]
(1)
Sqare Pin
18° ± 2°
0.660 [16.76]
36° ± 2°
Typ.
72° ± 2°
Bottom View


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn