Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TC-10-03B Datasheet(Fiches technique) 2 Page - Vishay Siliconix

Numéro de pièce TC-10-03B
Description  Through Hole Transformers Converter
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TC-10-03B Datasheet(HTML) 2 Page - Vishay Siliconix

  TC-10-03B Datenblatt HTML 1Page - Vishay Siliconix TC-10-03B Datasheet HTML 2Page - Vishay Siliconix TC-10-03B Datenblatt HTML 3Page - Vishay Siliconix TC-10-03B Datenblatt HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TC
www.vishay.com
Vishay Dale
Revision: 02-Mar-12
2
Document Number: 34077
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Omit winding 4, 5, 6 and associated circuit to test TC-10-028.
• Omit winding 7, 8 and associated circuit to test TC-10-068.
(1) RC network may be required to suppress spurious oscillations. R = 100
, C = 0.001 μF.
(2) RC network may be required to suppress spurious oscillations.
(3) RC network may be required to suppress spurious oscillations. R = 10
, C = 0.004 μF.
TEST CIRCUITS
TEST CIRCUIT NUMBER 1
TEST CIRCUIT NUMBER 2
TEST CIRCUIT NUMBER 3
TEST CIRCUIT NUMBER 4
TEST CIRCUIT NUMBER 5
TEST CIRCUIT NUMBER 6
2N4400
4.7 μF
-
+
INPUT
2N4400
3.9 k
Ω
1
2
3
4
5
6
7
8
9
1N4148 (4)
10
Ω
10
Ω
1 k
Ω
- 7.2 V
3.3 μF
1 k
Ω
3.3 μF
+ 7.2 V
1N4148
470
Ω
470
Ω
1 k
Ω
0.1 μF
INPUT
2N4401
2N4401
10 μF
0.1 μF
1 k
Ω
0.003 μF
+ 200 V
1N4004
(4)
0.22 μF
RL
1N4150 (4)
- 15 V
+ 15 V
10 μF
RL
10 μF
RL
1
2
3
4
5
6
8
9
+
-
-
+
INPUT
1
2
3
4
5
6
7
8
9
1N4150 (4)
- 15 V
4 μF
RL
4 μF
+ 15 V
1N4150
RL
RS
RF
RF
4
1
2
3
5
6
7
8
9
10
1N4150 (4)
1N4004 (4)
- +
INPUT
RL
RL
RS
RF
Q
(1)
Q
2.2 μF
0.47 μF
D
7
8
9
D
C1
RL
1
2
3
4
5
6
Q
RS
RF
INPUT
+
-
Q
(2)
8
9
1
2
3
4
5
6
INPUT
+
-
2.2 k
Ω
180
Ω
2N2102
2N2102
1N4004 (4)
RL
0.2 μF
0.003 μF
(3)


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn