Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD820AN Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD820AN
Description  Single Supply, Rail to Rail Low Power FET-Input Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD820AN Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD820AN Datasheet HTML 5Page - Analog Devices AD820AN Datasheet HTML 6Page - Analog Devices AD820AN Datasheet HTML 7Page - Analog Devices AD820AN Datasheet HTML 8Page - Analog Devices AD820AN Datasheet HTML 9Page - Analog Devices AD820AN Datasheet HTML 10Page - Analog Devices AD820AN Datasheet HTML 11Page - Analog Devices AD820AN Datasheet HTML 12Page - Analog Devices AD820AN Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD820
REV. B
–9–
100
40
–20
10
100
10M
1M
100k
10k
1k
60
80
0
20
FREQUENCY – Hz
100
40
–20
60
80
0
20
GAIN
PHASE
RL = 2k
CL = 100pF
Figure 15. Open-Loop Gain and Phase Margin vs.
Frequency
ACL = +1
VS = 15V
1k
100
0.01
100
1k
10M
1M
100k
10k
10
1
0.1
FREQUENCY – Hz
Figure 16. Output Impedance vs. Frequency
1%
1%
ERROR
0.01%
0.1%
16
–16
5.0
–8
–12
1.0
0.0
0
–4
4
8
12
4.0
3.0
2.0
SETTLING TIME –
s
Figure 17. Output Swing and Error vs. Settling Time
100
50
0
10
100
10M
1M
100k
10k
1k
60
70
80
90
10
20
30
40
FREQUENCY – Hz
VS = 0V, 5V
AND
VS = 0V, 3V
VS = 15V
Figure 18. Common-Mode Rejection vs. Frequency
POSITIVE
RAIL
+125 C
+125 C
+25 C
NEGATIVE
RAIL
–55 C
COMMON-MODE VOLTAGE FROM SUPPLY RAILS – Volts
5
0
3
3
1
2
–1
4
2
1
0
–55 C
Figure 19. Absolute Common-Mode Error vs. Common-
Mode Voltage from Supply Rails (VS – VCM)
VOL – VS
1000
100
0
0.001
0.01
100
10
1
0.1
10
LOAD CURRENT – mA
VS – VOH
Figure 20. Output Saturation Voltage vs Load Current
-


Numéro de pièce similaire - AD820AN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD820AN AD-AD820AN Datasheet
588Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
Rev. E
AD820ANZ AD-AD820ANZ Datasheet
588Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
Rev. E
More results

Description similaire - AD820AN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD820 AD-AD820_07 Datasheet
588Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
Rev. E
AD822ARMZ AD-AD822ARMZ Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD824ARZ-14 AD-AD824ARZ-14 Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824_V01 Datasheet
344Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
Rev. E
AD824 AD-AD824_03 Datasheet
552Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824_15 Datasheet
436Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. D
AD824ARZ-14-REEL7 AD-AD824ARZ-14-REEL7 Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824 Datasheet
551Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. A
AD820ARMZ AD-AD820ARMZ Datasheet
428Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power, FET Input Op Amp
Rev. H
AD822 AD-AD822 Datasheet
320Kb / 16P
   Single Supply, Rail-to-Rail Low Power FET-Input Op Amp
REV. A
AD822AN AD-AD822AN Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com