Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD818AN Fiches technique(PDF) 1 Page - Analog Devices

No de pièce AD818AN
Description  Low Cost, Low Power Video Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD818AN Fiches technique(HTML) 1 Page - Analog Devices

  AD818AN Datasheet HTML 1Page - Analog Devices AD818AN Datasheet HTML 2Page - Analog Devices AD818AN Datasheet HTML 3Page - Analog Devices AD818AN Datasheet HTML 4Page - Analog Devices AD818AN Datasheet HTML 5Page - Analog Devices AD818AN Datasheet HTML 6Page - Analog Devices AD818AN Datasheet HTML 7Page - Analog Devices AD818AN Datasheet HTML 8Page - Analog Devices AD818AN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Low Cost, Low Power
Video Op Amp
AD818
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
FEATURES
Low Cost
Excellent Video Performance
55 MHz 0.1 dB Bandwidth (Gain = +2)
0.01% & 0.05 Differential Gain & Phase Errors
High Speed
130 MHz Bandwidth (3 dB, G = +2)
100 MHz Bandwidth (3 dB, G+ = –1)
500 V/ s Slew Rate
80 ns Settling Time to 0.01% (VO = 10 V Step)
High Output Drive Capability
50 mA Minimum Output Current
Ideal for Driving Back Terminated Cables
Flexible Power Supply
Specified for Single (+5 V) and Dual ( 5 V to
15 V)
Power Supplies
Low Power: 7.5 mA max Supply Current
Available in 8-Lead SOIC and 8-Lead Plastic Mini-DIP
PRODUCT DESCRIPTION
The AD818 is a low cost, video op amp optimized for use in
video applications which require gains equal to or greater than
+2 or –1. The AD818 low differential gain and phase errors,
single supply functionality, low power and high output drive
make it ideal for cable driving applications such as video cam-
eras and professional video equipment.
With video specs like 0.1 dB flatness to 55 MHz and low differ-
ential gain and phase errors of 0.01% and 0.05
°, along with
50 mA of output current, the AD818 is an excellent choice for
any video application. The 130 MHz 3 dB bandwidth (G = +2)
AD818
1k
1k
+15V
Rbt
75
Rt
75
VIN
3
2
75
–15V
0.1µF
2.2µF
4
0.01µF
2.2µF
7
6
AD818 Video Line Driver
and 500 V/
µs slew rate make the AD818 useful in many high
speed applications including: video monitors, CATV, color
copiers, image scanners and fax machines.
The AD818 is fully specified for operation with a single +5 V
power supply and with dual supplies from
±5 V to ±15 V. This
power supply flexibility, coupled with a very low supply current
of 7.5 mA and excellent ac characteristics under all power
supply conditions, make the AD818 the ideal choice for many
demanding yet power sensitive applications.
The AD818 is a voltage feedback op amp and excels as a gain
stage in high speed and video systems (gain = >2 or –1). It
achieves a settling time of 45 ns to 0.1%, with a low input offset
voltage of 2 mV max.
The AD818 is available in low cost, small 8-lead plastic mini-
DIP and SOIC packages.
0.03
15
0.06
0.04
0.05
510
SUPPLY VOLTAGE – ±Volts
0.02
0.01
0.00
DIFF GAIN
DIFF PHASE
AD818 Differential Gain and Phase vs. Supply
CONNECTION DIAGRAMS
8-Lead Plastic Mini-DIP (N), and
SOIC (R) Packages
NULL
–IN
+IN
OUTPUT
NULL
1
2
3
4
8
7
6
5
–VS
TOP VIEW
+V
S
AD818
NC
NC = NO CONNECT


Numéro de pièce similaire - AD818AN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD818AN AD-AD818AN Datasheet
924Kb / 16P
   Low Cost, Low Power Video Op Amp
REV. C
AD818AN AD-AD818AN Datasheet
563Kb / 15P
   Low Cost, Low Power Video Op Amp
REV. D
AD818ANZ AD-AD818ANZ Datasheet
563Kb / 15P
   Low Cost, Low Power Video Op Amp
REV. D
More results

Description similaire - AD818AN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD818 AD-AD818_10 Datasheet
563Kb / 15P
   Low Cost, Low Power Video Op Amp
REV. D
AD818 AD-AD818_15 Datasheet
563Kb / 15P
   Low Cost, Low Power Video Op Amp
REV. D
AD818 AD-AD818_03 Datasheet
924Kb / 16P
   Low Cost, Low Power Video Op Amp
REV. C
logo
Intersil Corporation
EL2110 INTERSIL-EL2110 Datasheet
102Kb / 6P
   Low Cost, Gain of 1, Video Op Amp
EL2111 INTERSIL-EL2111 Datasheet
102Kb / 6P
   Low Cost, Gain of 2, Video Op Amp
logo
Linear Technology
LT1097 LINER-LT1097 Datasheet
184Kb / 12P
   Low Cost, Low Power Precision Op Amp
LT1097 LINER-LT1097_15 Datasheet
199Kb / 12P
   Low Cost, Low Power Precision Op Amp
logo
Analog Devices
AD828 AD-AD828 Datasheet
256Kb / 12P
   Dual, Low Power Video Op Amp
REV. B
AD828 AD-AD828_02 Datasheet
448Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
AD828 AD-AD828_15 Datasheet
462Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com